Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2MDLTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # LIS2MDLTR
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDLTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LIS2MDLTR Datasheet HTML 33Page - STMicroelectronics LIS2MDLTR Datasheet HTML 34Page - STMicroelectronics LIS2MDLTR Datasheet HTML 35Page - STMicroelectronics LIS2MDLTR Datasheet HTML 36Page - STMicroelectronics LIS2MDLTR Datasheet HTML 37Page - STMicroelectronics LIS2MDLTR Datasheet HTML 38Page - STMicroelectronics LIS2MDLTR Datasheet HTML 39Page - STMicroelectronics LIS2MDLTR Datasheet HTML 40Page - STMicroelectronics LIS2MDLTR Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
LIS2MDL
40/41
DocID030621 Rev 5
10
Revision history
Table 49. Document revision history
Date
Revision
Changes
11-May-2017
1
Initial release
18-Jul-2017
2
Document status promoted to “Datasheet - production data”
21-Sep-2017
3
Updated Table 2: Pin description
Updated Table 5: Electrical characteristics
Updated Figure 3: SPI slave timing diagram
Removed Magnetometer offset cancellation, Magnetometer interrupt, Magnetometer
hard-iron compensation, and Self-test
Updated Section 5: Application hints, Section 5.1: Soldering information, and Section 5.3:
Startup sequence
Updated Section 6: Digital interfaces and Section 6.1: I2C serial interface
Updated CFG_REG_A (60h)
Specified default values in CFG_REG_B (61h)
Updated CFG_REG_C (62h)
Updated description of STATUS_REG (67h)
Updated description of OUTX_L_REG, OUTX_H_REG (68h - 69h), OUTY_L_REG,
OUTY_H_REG (6Ah - 6Bh) and TEMP_OUT_L_REG (6Eh), TEMP_OUT_H_REG (6Fh)
07-Nov-2018
4
Added 4-wire SPI function to pin 7 (updated Figure 1, Section 1.2: Pin description,
Section 5: Application hints, Section 6: Digital interfaces, and CFG_REG_C (62h))
28-Nov-2018
5
Updated Table 5: Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com