Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP23DB01HP Datasheet(PDF) 5 Page - STMicroelectronics

Part # MP23DB01HP
Description  digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB01HP Datasheet(HTML) 5 Page - STMicroelectronics

  MP23DB01HP Datasheet HTML 1Page - STMicroelectronics MP23DB01HP Datasheet HTML 2Page - STMicroelectronics MP23DB01HP Datasheet HTML 3Page - STMicroelectronics MP23DB01HP Datasheet HTML 4Page - STMicroelectronics MP23DB01HP Datasheet HTML 5Page - STMicroelectronics MP23DB01HP Datasheet HTML 6Page - STMicroelectronics MP23DB01HP Datasheet HTML 7Page - STMicroelectronics MP23DB01HP Datasheet HTML 8Page - STMicroelectronics MP23DB01HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID034289 Rev 2
5/15
MP23DB01HP
Acoustic and electrical specifications
15
The values listed in the table below are specified for Vdd = 1.8 V, Clock = 768 kHz, no load,
T = 25 °C, unless otherwise noted.
Table 4. Low-power mode
The values listed in the table below are specified for Vdd = 1.8 V, Clock = 2.4MHz, no load,
T = 25 °C, unless otherwise noted
Table 5. Performance mode
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
Idd
Current consumption
285
μA
So
Sensitivity
94 dBSPL @ 1 kHz
-25
-24
-23
dBFS
SNR
Signal-to-noise ratio
94 dBSPL @ 1 kHz
A-weighted (20 Hz - 8 kHz)
64
dB(A)
THD
Total harmonic distortion
94 dBSPL @1 kHz
0.2
%
AOP
Acoustic overload point
120
dBSPL
PSR
Power supply rejection
100 mVpp sine wave @ 217 Hz
-85
dBFS
Symbol
Parameter
Test condition
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
Idd
Current consumption
2.4 MHz
800
μA
3.072 MHz
880
So
Sensitivity
94 dBSPL @1 kHz
-42
-41
-40
dBFS
SNR
Signal-to-noise ratio
94 dBSPL @ 1 kHz
A-weighted (20 Hz - 20 kHz)
2.4 MHz
65
dB(A)
3.072 MHz
65.5
THD
Total harmonic distortion
94 dBSPL @1 kHz
0.2
%
110 dBSPL @1 kHz
0.5
AOP
Acoustic overload point
135
dBSPL
PSR
Power supply rejection
100mVpp sinewave @ 217 Hz
-95
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com