Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXT1664T3-ATESRQTP Datasheet(PDF) 1 Page - Microchip Technology

Part # MXT1664T3-ATESRQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ATESRQTP Datasheet(HTML) 1 Page - Microchip Technology

  MXT1664T3-ATESRQTP Datasheet HTML 1Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 2Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 3Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 4Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 5Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 6Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-ATESRQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
 2018 Microchip Technology Inc.
DS40002054A-page 1
mXT1664T3 2.0
maXTouch® Adaptive Sensing Touchscreen
Technology
• Up to 32 X (transmit) lines and 52 Y (receive) lines for
use by touchscreen.
• A maximum of 1664 nodes can be allocated to the
touchscreen
• Touchscreen size of 15.6 inches (16:10 aspect ratio),
assuming a sensor electrode pitch of 6.5 mm. Other
sizes are possible with different electrode pitches and
appropriate sensor material
• Multiple touch support with up to 16 concurrent
touches tracked in real time
• Dual-boot OS support for Microsoft® Windows® and
Android™
Touch Sensor Technology
• Discrete/out-cell support including glass and PET film-
based sensors
• Support for standard (for example, Diamond) and
proprietary sensor patterns (review of designs by
Microchip or a Microchip-qualified touch sensor
module partner is recommended)
Front Panel Material
• Works with PET or glass, including curved profiles
(configuration and stack-up to be approved by
Microchip or a Microchip-qualified touch sensor
module partner)
• Glass 0.4 mm to 4.5 mm (dependent on screen size,
touch size, configuration and stack-up)
• Plastic 0.2 mm to 2.2 mm (dependent on screen size,
touch size, configuration and stack-up)
Touch Performance
• Moisture/Water Compensation
- No false touch with condensation or water drop up
to 22 mm diameter
- One-finger tracking with condensation or water
drop up to 22 mm diameter
• Glove Support
• Mutual capacitance and self capacitance
measurements supported for robust touch detection
- Multiple-finger glove touches up to 1.5 mm
thickness (subject to stack-up design)
- Single-finger glove touch up to 5 mm thickness
(subject to stack-up design)
• Noise suppression technology to combat ambient,
charger, and power-line noise
- Up to 240 VPP between 1 Hz and 1 kHz sinusoidal
waveform
- Up to 20 VPP between 1 kHz and 1 MHz
sinusoidal waveform
• Scan Speed
- Up to 250 Hz reporting rate for one finger (subject
to configuration)
- Typical report rate for 16 touches
100 Hz
(subject to configuration)
- Initial touch latency <10 ms for first touch from idle
(subject to configuration)
- Configurable to allow for power and speed
optimization
Enhanced Algorithms
• Lens bending algorithms to remove display noise
• Touch suppression algorithms to remove unintentional
large touches, such as palm
• Palm Recovery Algorithm for quick restoration to
normal state
Power Saving
• Programmable timeout for automatic transition from
active to idle states
• Pipelined analog sensing detection and digital
processing to optimize system power efficiency
Application Interfaces
•I2C slave with support for Standard mode (up to
100 kHz), Fast mode (up to 400 kHz),
Fast-mode Plus (up to 1 MHz), High
Speed mode (up to 3.4 MHz)
• USB HID interface for Microsoft Windows 8.x and later
versions
•HID-I2C interface for Microsoft Windows 8.x and later
versions
• Interrupt to indicate when a message is available
• SPI Debug Interface to read the raw data for tuning
and debugging purposes
• Stylus Support
- Supports passive stylus with 1.5 mm contact
diameter, subject to configuration, stack-up, and
sensor design
maXTouch 1664-node Touchscreen Controller


Similar Part No. - MXT1664T3-ATESRQTP

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MXT1 MERITEK-MXT1 Datasheet
444Kb / 3P
32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
Rev.3c 03/15/24
More results

Similar Description - MXT1664T3-ATESRQTP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120 CYPRESS-CY8CTST120 Datasheet
794Kb / 32P
TrueTouch??Single-Touch Touchscreen Controller
logo
ATMEL Corporation
MXT224 ATMEL-MXT224 Datasheet
150Kb / 12P
maXTouch 224-channel Touchscreen Sensor IC
logo
List of Unclassifed Man...
IQS550 ETC2-IQS550 Datasheet
4Mb / 80P
Capacitive Trackpad/Touchscreen Controller
GSL1680 ETC2-GSL1680 Datasheet
1Mb / 23P
Capacitive Touchscreen Controller
logo
Microchip Technology
MXT2912TD-AXUW MICROCHIP-MXT2912TD-AXUW Datasheet
136Kb / 12P
maXTouch 2911-node Touchscreen Controller Product Brief
Revision A March 2021
MXT448UD-CCUBHA1 MICROCHIP-MXT448UD-CCUBHA1 Datasheet
655Kb / 76P
maXTouch 448-node Touchscreen Controller
Rev A September 2021
MXT640UD-CCU001 MICROCHIP-MXT640UD-CCU001 Datasheet
600Kb / 74P
maXTouch 640-node Touchscreen Controller
Revision A June 2021
MXT640UD-CCUBHA1 MICROCHIP-MXT640UD-CCUBHA1 Datasheet
654Kb / 76P
maXTouch 640-node Touchscreen Controller
Rev A September 2021
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com