Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1335CSSC11SMKA0-CP Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR1335CSSC11SMKA0-CP
Description  CMOS Image Sensor, 13 MP, 1/3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR1335CSSC11SMKA0-CP Datasheet(HTML) 1 Page - ON Semiconductor

  AR1335CSSC11SMKA0-CP Datasheet HTML 1Page - ON Semiconductor AR1335CSSC11SMKA0-CP Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Overview
AR1335: CMOS Image Sensor, 13 MP, 1/3"
For complete documentation, see the data sheet.
The AR1335 is a 1/3.2-inch CMOS active-pixel digital image sensor with a pixel array of 4208H x 3120V. The AR1335 digital image
sensor, features breakthrough 1.1�m pixel technology that delivers superior low-light image quality through leading sensitivity,
quantum efficiency and linear full well. This allows image quality that rivals digital still cameras. With a sensor architecture focused
on low power and a high Chief Ray Angle (CRA) for low Z-heights, the AR1335 is ideal for smartphone and other mobile device
applications. It incorporates sophisticated on-chip camera functions such as windowing, mirroring, column and row skip modes, and
snapshot mode. It is programmable through a simple two-wire serial interface. The AR1335 sensor can generate full resolution
image at up to 30 frames per second (fps) and supports advanced video modes including 4K 30fps, 1080P 60fps and 720P 120fps.
Features
• 13MP CMOS sensor with advanced 1.1µm pixel BSI technology
• Data interfaces: 2,3 and 4 lane MIPI
• Bit-depth compression available for MIPI: 10-8 and 10-6 to lower bandwidth
• 3D synchronization controls to enable stereo video capture
• 6.8 kbits one time programmable memory (OTPM)
• Programmable controls: gain, horizontal and vertical blanking, auto black level offset correction, frame size/rate, exposure, left-
right and top-bottom image reversal, window size, and panning
• Two on-die phase-locked loop (PLL) oscillators for super low noise performance
• On-chip temperature sensor
• Bayer pattern horizontal down-size scaler
• Simple two-wire fast-mode+ serial interface
For more features, see the data sheet
Applications
End Products
• Mobile
• Smart Phone
• 4K video capture
• Digital Still Camera
• High resolution still capture
• PC Camera
• Consumer devices
Part Electrical Specifications
Product
Pricing ($/Unit)
Compliance
Status
Type
Megapix
els
Frame
Rate
(fps)
Optical
Format
Shutter
Type
Pixel
Size
(µm)
Output
Interface
Color
Package
Type
AR1335CSSC11SMD20
Pb-free
Halide free
Active
CMOS
13
30
1/3.2
inch
Electroni
c Rolling
1.1 x 1.1
MIPI
RGB
AR1335CSSC11SMKA0
-CP
Pb-free
Halide free
Active
CMOS
13
30
1/3.2
inch
Electroni
c Rolling
1.1 x 1.1
MIPI
RGB
ODCSP-
63
AR1335CSSC11SMKA0
-CP1
Pb-free
Halide free
Active
CMOS
13
30
1/3.2
inch
Electroni
c Rolling
1.1 x 1.1
MIPI
RGB
ODCSP-
63
AR1335CSSC11SMKA0
-CP2
Pb-free
Halide free
Active
CMOS
13
30
1/3.2
inch
Electroni
c Rolling
1.1 x 1.1
MIPI
RGB
ODCSP-
63
AR1335CSSC11SMKA0
-CR
Pb-free
Halide free
Active
CMOS
13
30
1/3.2
inch
Electroni
c Rolling
1.1 x 1.1
MIPI
RGB
ODCSP-
63
AR1335CSSC32SMD20
Pb-free
Halide free
Active
CMOS
13
30
1/3.2
inch
Electroni
c Rolling
1.1 x 1.1
MIPI
RGB


Similar Part No. - AR1335CSSC11SMKA0-CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR13 ETC-AR13 Datasheet
1Mb / 2P
HIGH PRECISION CHIP RESISTORS
logo
Clarke International
AR13001 CLARKE-AR13001 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
AR13003 CLARKE-AR13003 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
AR13004 CLARKE-AR13004 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
AR13005 CLARKE-AR13005 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
More results

Similar Description - AR1335CSSC11SMKA0-CP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
6.6 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
1.3 MP CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
6.6 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
1.3 MP CMOS Image Sensor
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9M131 ONSEMI-MT9M131_17 Datasheet
299Kb / 50P
1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 8
AR0239 ONSEMI-AR0239 Datasheet
158Kb / 1P
CMOS Image Sensor, 2.3 MP, 1/2.7
9/2/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com