Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM5081 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5081
Description  4.5A Synchronous Buck Li-ion Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5081 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5081 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5081 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4.5A Synchronous Buck Li-ion Charger
DESCRIPTION
The
is a 4.5A Li-Ion battery charger. It utilizes a 500 KHz synchronous buck
converter topology to reduce power dissipation during charging. Low power
dissipation, an internal MOSFET allow a physically small charger that can be
embedded in a wide range of handheld applications. The
includes complete
charge termination circuitry, automatic recharge and a ±1% 4.2V float voltage.Battery
charge current, charge timeout and end-of-charge indication parameters are set with
external components. Additional features include shorted cell detection; temperature
qualified charging and overvoltage protection. The
is available in a ESOP8 and
DFN10 package
FEATURES
Input voltage range 4V~22V
Dynamic input current allocation for maximum charging rate
4.5A Maximum Charge Current
No External MOSFETs and Blocking Diode Required
Efficiency up to 95%
Constant-Current/Constant-Voltage Operation with Thermal Regulation to
Maximize Charge Rate Without Risk of Overheating
Optional Battery Temperature Monitoring Before and During Charge Automatic
Sleep Mode for Low-Power
Over Current ProtectionH
Consumption Available in ESOP8 and DFN10
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
PACKAGE AND APPLICATION
- 1 -
HM5081


Similar Part No. - HM5081

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5080E HMSEMI-HM5080E Datasheet
1Mb / 8P
application boost charging managment IC
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
3A Synchronous Buck 2 Cells Li-ion Charger
HM5082D HMSEMI-HM5082D Datasheet
1Mb / 9P
3A Synchronous Buck 2 Cells Li-ion Charger
HM5082E HMSEMI-HM5082E Datasheet
1Mb / 9P
3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
3A Synchronous Buck 3 Cells Li-ion Charger
More results

Similar Description - HM5081

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com