Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEB2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PEB2
Description  Mini-Com짰 Modular Patch Panels with Faceplates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PEB2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PEB2 Datasheet HTML 1Page - PANDUIT CORP. PEB2 Datasheet HTML 2Page - PANDUIT CORP. PEB2 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
specifications
Modular patch panels shall consist of a metal
panel with molded snap-in faceplates which can
be front releasable. Patch panels shall accept all
Mini-Com® Modules for UTP, STP, fiber, or A/V
applications and shall mount to standard 19" racks.
Patch panels shall be available in 24 and 48-port
standard density and 72-port high density. Angled
patch panels shall be designed at an optimum
angle to help route the cable.
Mini-Com® Modular Patch Panels
with Faceplates
Patch Panels with Labels
24-port, 1 RU,
includes six
CFFPL4 faceplates:
CPPL24WBLY
48-port, 2 RU,
includes twelve
CFFPL4 faceplates:
CPPL48WBLY
24-port, 1 RU,
includes four
6-port faceplates:
CPPL24M6BLY
48-port, 2 RU,
includes eight
6-port faceplates:
CPPL48M6BLY
72-port, 2 RU
(high-density),
includes six 12-port
faceplates:
CPPL72WBLY
Patch Panels without Labels
24-port, 1 RU,
includes six
CFFP4 faceplates:
CPP24WBLY
48-port, 2 RU,
includes twelve
CFFP4 faceplates:
CPP48WBLY
Angled Patch Panels with Labels
24-port, 1 RU,
includes six
CFFPL4 faceplates:
CPPLA24WBLY
48-port, 2 RU,
includes twelve
CFFPL4 faceplates:
CPPLA48WBLY
72-port, 2 RU
(high-density),
includes six
12-port faceplates:
CPPLA72WBLY
Recessed Patch Panels with Labels
24-port, 1 RU,
includes six
CFFPL4 faceplates:
CPPL24WRBLY
Label Options for Patch Panels
with CFFPL4 and CFFP4 Faceplates
Laser/ink Jet:
C261X035Y1J
TDP43ME:
C261X035Y1T
PanTher™ LS8E:
C261X035Y1C
Cougar LS9:
T038X000FJC-BK
Label Options for Patch Panels
with CFPLM6BL Faceplates
Laser/ink Jet:
C390X030Y1J
TDP43ME:
C390X030Y1T
PanTher™ LS8E:
C390X030Y1C
Cougar LS9:
T031X000FJC-BK
Strain Relief Bars
Straight:
SRBS19BL-XY
Extended, 2":
SRB19BLY
With hook and
loop ties:
SRBM19BLY
With adjustable
clips:
SRBWCY
Deep, 5":
SRB19D5BLY
Deep, 7":
SRB19D7BLY
Multi-depth:
SRB19MDBL
Rack Filler Panels
See www.Panduit.com or catalog
for rack filler panel options.
Extender Brackets
1 RU:
PEB1
2 RU:
PEB2
SPECIFICATION SHEET
applications
Mini-Com® Modular Patch Panels are ideal
for multi-media applications; they accept all
Mini-Com® Modules, which can be accessed
through the front of the panel to snap in and
out for easy moves, adds, and changes.
Various styles and port densities available to
fit most needs; labeling feature available on
select styles. Angled patch panels are
available for applications in which rack space
is limited. The design allows cable to flow to
each side of the rack, minimizing the need for
horizontal cable managers and increasing the
density of the rack space.
technical information
Mounting options:
Mounts to standard EIA 19" racks or 23" racks with optional
extender brackets
Material:
Stamping is CRS and faceplate is ABS
Packaging:
Packaged with appropriate pre-installed snap-in faceplates,
a set of mounting screws (#12-24), and label/label cover
where applicable
key features and benefits
Removable faceplates
Allow front accessibility to installed modules for easy moves,
adds, and changes
Modular
Accepts all Panduit® Mini-Com® Modules to mix and match
media types in the same panel
Angled design
Allows cable to flow to each side of the rack and minimizes the
need for horizontal cable managers by enabling patch cords to
be routed directly into vertical cable managers which leads to
increased closet density
Recessed design
Eliminates patch cord interference with cabinet doors and
improves bend radius protection
Optional label
Available with and without labels to accommodate
various needs
Optional strain relief bars Help support and manage cables
Optional filler panels
Fill unused rack openings to provide a clean and consistent
look
High density
More modules per rack space


Similar Part No. - PEB2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PEB2 PANDUIT-PEB2 Datasheet
990Kb / 3P
Mini-Com™ Flush Mount Modular Patch Panels
12/2018
PEB2 PANDUIT-PEB2 Datasheet
605Kb / 3P
Mini-Com Modular Patch Panels with Faceplates
4/2022
PEB2 PANDUIT-PEB2 Datasheet
747Kb / 2P
High Capacity Horizontal Cable Managers
8/2020
logo
Siemens Semiconductor G...
PEB2023 SIEMENS-PEB2023 Datasheet
145Kb / 25P
ISDN DC Converter Circuit IDCC
PEB2025 SIEMENS-PEB2025 Datasheet
689Kb / 21P
ISDN Exchange Power Controller
More results

Similar Description - PEB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
logo
PANDUIT CORP.
CFPE1IWY PANDUIT-CFPE1IWY Datasheet
1Mb / 1P
Mini-Com짰 Executive Series Faceplates
CP24BLY PANDUIT-CP24BLY Datasheet
105Kb / 2P
Mini-Com All Metal Shielded Modular Patch Panels
CPPL24WRBLY PANDUIT-CPPL24WRBLY Datasheet
220Kb / 1P
Mini-Com Recessed Modular Faceplate Patch Panels
CWPP12WBL PANDUIT-CWPP12WBL Datasheet
142Kb / 1P
Mini-Com 12-Port Modular Faceplate Patch Panels
logo
Belden Inc.
AX105364 BELDEN-AX105364 Datasheet
225Kb / 2P
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
Mini-Com짰 Modular Furniture Faceplates
1/2015
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com