Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF80IRRHT Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRRHT
Description  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRRHT Datasheet(HTML) 92 Page - Texas Instruments

Back Button ADC32RF80IRRHT Datasheet HTML 88Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 89Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 90Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 91Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 92Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 93Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 94Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 95Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
92
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.11.3 Register 003h (address = 003h), JESD Digital Page
Figure 173. Register 003h
7
6
5
4
3
2
1
0
LINK LAYER TESTMODE
LINK LAY RPAT
LMFC MASK
RESET
JESD MODE1
JESD MODE2
RAMP 12BIT
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 61. Register 003h Field Descriptions
Bit
Field
Type
Reset
Description
7-5
LINK LAYER TESTMODE
R/W
0h
These bits generate a pattern according to section 5.3.3.8.2 of
the JESD204B document.
000 = Normal ADC data
001 = D21.5 (high-frequency jitter pattern)
010 = K28.5 (mixed-frequency jitter pattern)
011 = Repeat initial lane alignment (generates a K28.5 character
and repeats lane alignment sequences continuously)
100 = 12-octet RPAT jitter pattern
4
LINK LAY RPAT
R/W
0h
This bit changes the running disparity in a modified RPAT
pattern test mode (only when link layer test mode = 100).
0 = Normal operation
1 = Changes disparity
3
LMFC MASK RESET
R/W
0h
0 = Normal operation
2
JESD MODE1
R/W
1h
These bits select the configuration register to configure the
correct LMFS frame assemblies for different decimation settings;
see the JESD frame assembly tables in the JESD204B Frame
Assembly section
1
JESD MODE2
R/W
0h
These bits select the configuration register to configure the
correct LMFS frame assemblies for different decimation settings;
see the JESD frame assembly tables in the JESD204B Frame
Assembly section
0
RAMP 12BIT
R/W
0h
12-bit RAMP test pattern.
0 = Normal data output
1 = Digital output is the RAMP pattern
8.5.11.4 Register 004h (address = 004h), JESD Digital Page
Figure 174. Register 004h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
REL ILA SEQ
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 62. Register 004h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0
1-0
REL ILA SEQ
R/W
0h
These bits delay the generation of the lane alignment sequence
by 0, 1, 2, or 3 multiframes after the code group synchronization.
00 = 0 multiframe delays
01 = 1 multiframe delay
10 = 2 multiframe delays
11 = 3 multiframe delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com