Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FID3Z1KX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FID3Z1KX
Description  The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FID3Z1KX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FID3Z1KX Datasheet HTML 1Page - List of Unclassifed Manufacturers FID3Z1KX Datasheet HTML 2Page - List of Unclassifed Manufacturers FID3Z1KX Datasheet HTML 3Page - List of Unclassifed Manufacturers FID3Z1KX Datasheet HTML 4Page - List of Unclassifed Manufacturers FID3Z1KX Datasheet HTML 5Page - List of Unclassifed Manufacturers FID3Z1KX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PIN Photodiode
FID3Z1KX/LX
Parameter
Responsivity
Variation of Responsivity
Dark Current
Cut-off Frequency
Capacitance
Optical Return Loss
Symbol
R
∆R
ID
fc
Ct
ORL
VR=1V, -20 to +70°C
VR=1V,-40 to +85°C
VR=5V, Ta=25°C
VR=5V, Ta=70°C
VR=5V, Ta=85°C
VR=1V, 1300nm
VR=1V, 1500nm
RL=50Ω, VR=5V
-3dB from 500 kHz
f=1MHz, VR=5V
Conditions
OPTICAL & ELECTRICAL CHARACTERISTICS (Ta=25°C)
A/W
A/W
nA
%
%
nA
nA
GHz
pF
dB
Unit
Limits
-
-
±3
1
-
Max.
0.75
0.8
-
±4
-
-
10
-
0.9
-
-
30
20
-
2.5
Min.
Parameter
Storage Temperature
Operating Case Temperature
Forward Current
Reverse Current
Reverse Voltage
Symbol
Tstg
-40 to +90
-40 to +85
5
2.0
20
mA
mA
V
°C
°C
Top
IF
IR
VR
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Note 1: Optical characteristics are specified on the condition that single mode fiber is used as the
optical source for testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com