Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C33128PFS18B-166TQC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFS18B-166TQC
Description  3.3V 128K x 18 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFS18B-166TQC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C33128PFS18B-166TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
®
AS7C33128PFS18B
12/10/04; v.1.4
Alliance Semiconductor
P. 7 of 19
Synchronous truth table[4]
CE01
1 X = don’t care, L = low, H = high
CE1
CE2
ADSP ADSC ADV WRITE[2]
2 For WRITE, L means any one or more byte write enable signals (BWa or BWb) and BWE are LOW or GWE is LOW. WRITE = HIGH for all BWx, BWE,
GWE HIGH. See "Write enable truth table (per byte)," on page 7 for more information.
OE
Address accessed
CLK
Operation
DQ
HXXX
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
L
X
L
X
X
X
X
NA
L to H
Deselect
Hi
−Z
L
L
X
H
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
X
H
L
X
X
X
X
NA
L to H
Deselect
Hi
−Z
L
X
H
H
L
X
X
X
NA
L to H
Deselect
Hi
−Z
L
H
L
L
X
X
X
L
External
L to H
Begin read
Q
L
H
L
L
X
X
X
H
External
L to H
Begin read
Hi
−Z
L
H
L
H
L
X
H
L
External
L to H
Begin read
Q
L
H
L
H
L
X
H
H
External
L to H
Begin read
Hi
−Z
XXXHH
L
H
L
Next
L to H
Continue read
Q
XXXHH
L
H
H
Next
L to H
Continue read
Hi
−Z
XXXHH
H
H
L
Current
L to H
Suspend read
Q
XXXHH
H
H
H
Current
L to H
Suspend read
Hi
−Z
HXXXH
L
H
L
Next
L to H
Continue read
Q
HXXXH
L
H
H
Next
L to H
Continue read
Hi
−Z
HXXXH
H
H
L
Current
L to H
Suspend read
Q
HXXXH
H
H
H
Current
L to H
Suspend read
Hi
−Z
L
H
L
H
L
X
L
X
External
L to H
Begin write
D3
3
For write operation following a READ,
OE must be high before the input data set up time and held high throughout the input hold time.
4. ZZ pin is always Low.
XXXHH
L
L
X
Next
L to H
Continue write
D
HXXXH
L
L
X
Next
L to H
Continue write
D
XXXHH
H
L
X
Current
L to H
Suspend write
D
HXXXH
H
L
X
Current
L to H
Suspend write
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com