Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA16-8L Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # ADA16-8L
Description  Non-isolation type low price high precision analog I/O board for Low Profile PCI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

ADA16-8L Datasheet(HTML) 2 Page - Contec Co., Ltd

  ADA16-8L Datasheet HTML 1Page - Contec Co., Ltd ADA16-8L Datasheet HTML 2Page - Contec Co., Ltd ADA16-8L Datasheet HTML 3Page - Contec Co., Ltd ADA16-8L Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver.1.12
ADA16-8/2(LPCI)L
2
(2/2)
Item
Specification
Digital I/O
Number of input channels
Unisolated input 4ch (TTL level positive logic)
Number of output
channels
Unisolated output 4ch (TTL level positive logic)
Counter
Number of channels
1ch
Counting system
Up count
Max. count
FFFFFFFFh (Binary data,32bit)
Number of external inputs
2 TTL level (Gate/Up)/ch
Gate (High level), Up (Rising edge)
Number of external
outputs
TTL level
Count match output (positive logic, pulse output)
Response frequency
10MHz (Max.)
Common section
I/O address
64 ports
Interruption level
Errors and various factors, One interrupt request line as INTA
Connector
10250-52A2JL[3M]
Power consumption
5VDC 380mA (Max.)
Operating condition
0 - 50
°C, 10 - 90%RH (No condensation)
PCI bus specification
32bit, 33MHz, Universal key shapes supported
*3
Dimension (mm)
121.69 (L) x 63.41 (H)
Weight
60g
*1
The non-linearity error means an error of approximately 0.1% occurs over the maximum
range at 0
°C and 50°C ambient temperature.
*2
At the time of the source use of a signal which built in the high-speed operational
amplifier.
*3
This board requires power supply at +5V from an expansion slot (it does not work on a
machine with a +3.3V power supply alone).
Board Dimensions
Windows version of analog I/O driver API-AIO(WDM)
[Stored on the bundled disk driver library API-PAC(W32)]
The API-AIO(WDM) is the Windows version driver library
software that provides products in the form of Win32 API
functions (DLL).
Various sample programs such as Visual
Basic and Visual C++, etc and diagnostic program *1useful for
checking operation is provided.
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
Linux version of analog I/O driver
API-AIO(LNX)
[Stored on the bundled disk driver library API-PAC(W32)]
The API-AIO(LNX) is the Linux version driver software which
provides device drivers (modules) by shared library and kernel
version.
Various sample programs of gcc are provided.
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
Data Logger Software C-LOGGER
[Stored on the bundled disk driver library API-PAC(W32)]
C-LOGGER is a data logger software program compatible with
our analog I/O products. This program enables the graph
display of recorded signal data, zoom observation, file saving,
and dynamic transfer to the spreadsheet software “Excel”. No
troublesome programming is required.
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
Data Acquisition library for MATLAB ML-DAQ
(Available for downloading (free of charge) from the CONTEC
web site.)
This is the library software which allows you to use our analog
I/O device products on MATLAB by the MathWorks. Each
function is offered in accordance with the interface which is
integrated in MATLAB’s Data Acquisition Toolbox.
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
Data acquisition VI library for LabVIEW
VI-DAQ
(Available for downloading (free of charge) from the CONTEC
web site.)
This is a VI library to use in National Instruments LabVIEW.
VI-DAQ is created with a function form similar to that of
LabVIEW's Data Acquisition VI, allowing you to use various
devices without complicated settings.
For more details on the library and download of VI-DAQ,
please visit the CONTEC’s Web site.
Cable (Option)
Shield Cable with 50-Pin Mini-Ribbon Connectors
at either Ends
: PCB50PS-0.5P (0.5m)
: PCB50PS-1.5P (1.5m)
Shield Cable with 50-Pin Mini-Ribbon Connector at one End
: PCA50PS-0.5P (0.5m)
: PCA50PS-1.5P (1.5m)
Accessories (Option)
Screw Terminal Unit (M3 x 50P)
: EPD-50A *1 *6
Buffer Amplifier Box
for Analog Input Boards (8ch type)
: ATBA-8L *1*3
Buffer Amplifier Box
for Analog Input Boards (16ch type)
: ATBA-16L *1*3
BNC Terminal Unit (for analog input 8ch): ATP-8L *1*5
*1
PCB50PS-0.5P or PCB50PS-1.5P optional cable is required separately.
*3
An external power supply is necessary (optional AC adaptor POA200-20 prepared.)
*5
Capable of using the analog input of up to 8ch, and analog output of up to 2ch.
*6
“Spring-up” type terminal is used to prevent terminal screws from falling off.
*
Check the CONTEC’s Web site for more information on these options.
Board [ADA16-8/2(LPCI)L] …1
First step guide … 1
Disk *1 [API-PAC(W32)] …1
Standard size bracket …1
Warranty Certificate …1
Serial Number Label …1
*1 The bundled disk contains the driver software and User’s Guide
The standard outside dimension(L) is
the distance from the end of the board
to the outer surface of the slot cover.
[mm]
121.69(L)
Cable & Connector
Accessories
Packing List
Support Software



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com