Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FIDO5200BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # FIDO5200BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5200BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button FIDO5200BBCZ Datasheet HTML 10Page - Analog Devices FIDO5200BBCZ Datasheet HTML 11Page - Analog Devices FIDO5200BBCZ Datasheet HTML 12Page - Analog Devices FIDO5200BBCZ Datasheet HTML 13Page - Analog Devices FIDO5200BBCZ Datasheet HTML 14Page - Analog Devices FIDO5200BBCZ Datasheet HTML 15Page - Analog Devices FIDO5200BBCZ Datasheet HTML 16Page - Analog Devices FIDO5200BBCZ Datasheet HTML 17Page - Analog Devices FIDO5200BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
fido5100/fido5200
Data Sheet
Rev. E | Page 14 of 19
Address/Data Bus Operation
The host interface address/data bus connects to the address/
data bus of the CPU. There are four bits of data for the address
bus and either 16 bits or 32 bits of data for the data bus. Each
REM switch address is 32-bit aligned, meaning that the addresses
increment by four bytes (A05 to A02). Regardless of whether the
data bus is 16 bits wide or 32 bits wide, the least significant
address bit supplied to the REM switch is always the same.
In addition, all accesses to indirect registers return the register
data in the lower 16 bits only (even if the interface is 32 bits
wide). For wider registers, such as a 64-bit timer, use a repeated
set of reads or writes to access the full content of the register.
Nonmultiplexed Address Data Bus
MBS = 0 selects the nonmultiplexed address data bus config-
uration. The read and write cycle timings are defined in Figure 2
and Figure 3. See Table 2 for the read and write cycle timing
parameters.
Multiplexed Address Data Bus
MBS = 1 selects the multiplexed address data bus configuration.
The read and write cycle timings are defined in Figure 4 and
Figure 5. See Table 3 for the read and write cycle timing
parameters.
Register and Data Access
Four bits of address provide direct access to 16 registers. A read
cycle or a write cycle obtains or sets the data in these registers.
To access additional registers, use the host indirect address
register. The direct address register definitions are provided in
Table 11.
The REM switch software driver provides the necessary application
programming interface (API) functions to access these registers
and manage all aspects of the switch for a specific protocol. Ether-
net packets are received and transmitted directly through the
Queue 0, Queue 1, Queue 2, and Queue 3 read and write registers,
depending on the protocol.
Ethernet protocol control and switch management are performed
by the software driver API through the host read/write queue
data registers and the host direct/indirect registers (refer to the
REM Switch Driver User Guide, available at
www.analog.com/en/products/industrial-ethernet.html, for more
information about these registers). Interrupt management is
performed by the software driver API using the three interrupt
lines in conjunction with the queue status register, timer status
register, universal input/output controller (UIC) interrupt status
register, and the composite interrupt status register.
Table 11. Direct Address Register Definitions
Register Name
Width
Address[5:0]
Read/Write1
Reset Value2
Queue 0 Read
16/32
0x00
R
0x00000000
Queue 0 Write
16/32
0x00
W
N/A
Queue 1 Read
16/32
0x04
R
0x00000000
Queue 1 Write
16/32
0x04
W
N/A
Queue 2 Read
16/32
0x08
R
0x00000000
Queue 2 Write
16/32
0x08
W
N/A
Queue 3 Read
16/32
0x0C
R
0x00000000
Queue 3 Write
16/32
0x0C
W
N/A
Reserved
N/A
0x10 to 0x14
N/A
Host Read Queue 0 Data
16/32
0x18
R
0x00000000
Host Read Queue 0 Data Head
16/32
0x18
W
0x00000000
Host Read Queue 1 Data
16/32
0x1C
R
0x00000000
Host Read Queue 1 Data Head
16/32
0x1C
W
N/A
Queue Status Register
16
0x20
R/W
0x00000F00
Timer Status Register
16
0x24
R/W
0x00000000
UIC Interrupt Status
16
0x28
R/W
0x0000
Composite Interrupt Status
16
0x2C
R
0x0000
Host Indirect Address
16
0x30
R/W
0x0000
Host Indirect Read Data
16
0x34
R
N/A
Host Indirect Write Data
16
0x34
W
N/A
Host Write Queue 0 Completion
16
0x38
R
0x0000
Host Write Queue 1 Completion
16
0x3C
R
0x0000
1
R means read only, W means write only, and R/W means read/write.
2
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com