Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM-2DL-PCI Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # COM-2DL-PCI
Description  PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2DL-PCI Datasheet(HTML) 1 Page - Contec Co., Ltd

  COM-2DL-PCI Datasheet HTML 1Page - Contec Co., Ltd COM-2DL-PCI Datasheet HTML 2Page - Contec Co., Ltd COM-2DL-PCI Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.00
COM-2DL-PCI
1
PCI –compliant I/O
RS-422A/485 2ch Serial I/O board
COM-2DL-PCI
-Max. 230,400bps RS-422A/485 Serial Communication
COM-2DL-PCI has two RS-422A/485-standard serial ports.
Baud rates from 15 to 230,400 bps can be set.
- Boards can be used as standard serial ports when
operating in a Windows
® environment
These products come with a driver library that allows the
boards to be used under Windows in the same way as
COM ports on a PC.
Under Windows, these boards
support the OS-standard Win32 API communication
function as well as Visual Basic MSComm.
The driver
library also includes a diagnostic program to confirm
hardware operation and to perform communication tests.
- 16 boards (max) can be installed with an access
range from COM1 to COM256.
Up to 16 boards can be installed in a single PC.
COM1 - COM256 can be set using the device manager.
- Each channel is equipped with separate 64-byte
FIFO buffers for transmit and receive.
Each
individual
channel
has
FIFO
buffer
memory
(transmission: 64 bytes, reception: 64 bytes).
This feature is useful for high speed communications and
to
reduce
the
load
to
the
CPU
during
transmitting/receiving.
- Cables and connectors are available as optional.
9-pin D-SUB connectors (male or female type) for creating
your own cables are available as optional.
-The control line for RS-422A/485 can be controlled
and monitored by software.
The control lines for RTS+, RTS-, CTS+, CTS- can be
controlled and monitored using an application.
This PCI board was designed for extending RS-422A/485
compatible serial communication functionality on your PC.
COM-2DL-PCI has two RS-422A/485 communication
ports.
With a 64 byte built-in FIFO buffer for transmission and
reception of each channel, the product supports a baud
rate of up to 230,400bps.
It also comes with a Windows
driver, which allows boards to be used as OS-standard
COM ports.
Item
Specification
Number of channels
2channels
Interface type
RS-422A/RS-485
Isolation specification
None
Isolation
pressure
proof
None
Transfer method
Asynchronous
serial
transfer
(Full-duplex
/
half-duplex)
Baud rate
15 - 230,400bps *1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Loarding LSI
162850 or equivalent
(Each channel has 64-byte receive and 64-byte
transmit FIFO buffers.)
Connecting distance
Within 1200m *3
Interrupt requests
1 level use *4
Memory address
1024byte boundary
Power
consumption
(Max.)
5VDC 340mA
Operating temperature 0 - 50°C, 10 - 90
%RH (No condensation)
PCI bus specification
PCI (32bit, 33MHz *5)
Dimension (mm)
121.69(L) x 88.0(H)
Connector used
9-pin D-SUB connector,
2031-2-9-P [mfd. by gallant, M(male) type]
equivalent
Weight
95g
*1: These items can be set by software.
*2: Data transmission at high speed may not be performed normally
depending on the environment including the type of status of connected
material of cable and environment.
*3: The table below lists an example of the relationship between baud
rate and communication distance.
Communication
distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps
Communication cable : 28AWG, double shielded cable, twisted
pairs used for each +/- signal line.
*4: A single interrupt signal "INTA" is output as a collection of interrupt
input signals from two channels.
*5: This board requires power supply at +5 V from an expansion slot (it
does not work on a machine with a +3.3V power supply alone).
Board Dimensions
121.69(L)
[mm]
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.
Features
Specifications


Similar Part No. - COM-2DL-PCI

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
COM-2C-PE CONTEC-COM-2C-PE Datasheet
235Kb / 3P
RS-232C Serial I/O Board for PCI Express 2ch
logo
Mini-Circuits
COM-2G42G51K0+ MINI-COM-2G42G51K0+ Datasheet
558Kb / 4P
Power Splitter/Combiner
REV. OR
logo
Contec Co., Ltd
COM-2GY CONTEC-COM-2GY Datasheet
136Kb / 4P
F&eIT Series RS-232C 2ch Communication Module
COM-2H CONTEC-COM-2H Datasheet
208Kb / 3P
RS-232C 2ch Serial I/O Board
COM-2PC-PE CONTEC-COM-2PC-PE Datasheet
291Kb / 3P
RS-232C Isolated Serial I/O Board for PCI Express 2ch
More results

Similar Description - COM-2DL-PCI

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
COM-1PDH CONTEC-COM-1PDH Datasheet
83Kb / 3P
Isolated RS-422A/485 1ch Serial I/O Board for Low Profile PCI
COM-1PDH-LPE CONTEC-COM-1PDH-LPE Datasheet
287Kb / 3P
RS-422A/485 1ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2C-PE CONTEC-COM-2C-PE Datasheet
235Kb / 3P
RS-232C Serial I/O Board for PCI Express 2ch
COM-2H CONTEC-COM-2H Datasheet
208Kb / 3P
RS-232C 2ch Serial I/O Board
COM-2PDH CONTEC-COM-2PDH Datasheet
95Kb / 3P
Isolated RS-422A/485 2ch Serial I/O Board for Low Profile PCI
COM-2PD-LPE CONTEC-COM-2PD-LPE Datasheet
300Kb / 4P
RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2PD-PE CONTEC-COM-2PD-PE Datasheet
335Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 2ch
COM-4DL-PCI CONTEC-COM-4DL-PCI Datasheet
86Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 4ch Serial I/O board
COM-4PD-PE CONTEC-COM-4PD-PE Datasheet
386Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com