Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F040-55TC Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation

Part # AS29F040-55TC
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-55TC Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS29F040-55TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F040-55TC Datasheet HTML 18Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
®
49
49
49
49
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$65<)373
$65<)373
$65<)373
$65<)373
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
(UDVH#DQG#SURJUDPPLQJ#SHUIRUPDQFH
/DWFKXS#WROHUDQFH#
Includes all pins except VCC. Test conditions: VCC = 5.0V, one pin at a time.
$&#WHVW#FRQGLWLRQV
$EVROXWH#PD[LPXP#UDWLQJV
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Includes all pins except VCC. Test conditions: VCC = 5.0V, one pin at a time.
Parameter
Limits
Unit
Min
Typical
Max
Sector erase and verify-1 time (excludes 00h programming prior to erase)
-
1.0
-
sec
Byte program time
-
45
-
µs
Chip programming time
-
23
-sec
Erase/program cycles
-
-
10,000
cycles
Parameter
Min
Max
Unit
Input voltage with respect to VSS on A9 and OE
-1.0
+13.0
V
Input voltage with respect to VSS on all DQ, address and control pins
-1.0
VCC+1.0
V
Current
-100
+100
mA
Parameter
Symbol
Min
Max
Unit
Input voltage (Input or DQ pin)
VIN
–2.0
+7.0
V
Input voltage (A9 pin, OE)VIN
–2.0
+13.0
V
Power supply voltage
VCC
-0.5
+5.5
V
Operating temperature
TOPR
–55
+125
°C
Storage temperature (plastic)
TSTG
–65
+125
°C
Short circuit output current
IOUT
-200
mA
100 pF*
Device under Test
*including scope
and jig capacitance
VSS
Test condition
Unit
Output load
1 TTL gate
Input rise and fall times
5
ns
Input pulse levels
0.0-3.0
V
Input timing measurement reference levels
1.5
V
Output timing measurement reference levels
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com