Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F917E/SP301 Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F917E/SP301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/SP301 Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F917E/SP301 Datasheet HTML 72Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 73Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 74Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 75Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 76Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 77Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 78Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 79Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 74
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 4-3:
QUARTZ CRYSTAL
OPERATION (LP, XT OR
HS MODE)
FIGURE 4-4:
CERAMIC RESONATOR
OPERATION
(XT OR HS MODE)
Note 1: Quartz
crystal
characteristics
vary
according to type, package and manufac-
turer.
The
user
should
consult
the
manufacturer data sheets for specifica-
tions and recommended application.
2: Always verify oscillator performance over
the VDD and temperature range that is
expected for the application.
Note 1: A series resistor (RS) may be required for
quartz crystals with low drive level.
2: The value of RF varies with the oscillator
mode selected (typically between 2 M
Ω to
10 M
Ω).
3: If using LP mode and T1OSC in enable,
the LP oscillator will continue to run during
Sleep.
C1
C2
Quartz
OSC2
RS(1)
OSC1
RF(2)
Sleep(3)
To Int.
Logic
PIC16F917/916/914/913
Crystal
Note 1: A series resistor (RS) may be required for
ceramic resonators with low drive level.
2: The value of RF varies with the oscillator
mode selected (typically between 2 M
Ω to
10 M
Ω).
3: An additional parallel feedback resistor
(RP) may be required for proper ceramic
resonator operation (typical value 1 M
Ω).
C1
C2
OSC2
RS(1)
OSC1
RF(2)
Sleep
To Int.
Logic
PIC16F917/916/914/913
RF(3)
Ceramic
Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com