Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3724 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM3724
Description  1cell Li-ion/Li-polymer battery protection IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3724 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM3724 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3724 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3724 Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
1cell Li-ion/Li-polymer battery protection IC MM3724 Series
Pin Assignment
Top view
Pin No.
Function
SSON-6J
SON-6C
5
64
13
2
VDD
NC
VSS
DOUT
V-
COUT
13
65
2
4
VDD
NC
VSS
DOUT
V-
COUT
1
Charger negative voltage input
terminal
2
Charge FET control terminal
3
Discharge FET control terminal
4
Negative power supply voltage input
terminal
5
Positive power supply voltage input
terminal
6
No connection
Product Line up
Product name
Package
Protection mode latch function
Hys-Cancel
Vdet1
Vrel1
Vdet2
Vrel2
Vdet3-1 Vdet4
Vshort
VVVVVVV
MM3724AC1RRE
SSON-6J
0.9
Disable Disable Disable Enable Enable Yes (VDD-0.9V)
4.425
4.225
2.500
2.900
0.032
-0.020
0.150
A
MM3724CF3RRE
SSON-6J
0.9
Disable Enable Disable Enable
Yes(VDD-0.9V)
4.280
4.080
2.300
2.300
0.064
-0.020
0.150
A
MM3724VK1RRE
SSON-6J
2.4
Disable Enable Disable Enable
Disable
4.415
4.240
2.800
2.800
0.050
0.900
B
Please inquire to us, if you need another spec.
Note2 : Delay time
tVdet1 [s]
tVrel1 [ms]
tVdet2 [ms]
tVrel2 [ms]
tVdet3 [ms]
tVrel3 [ms]
tVdet4 [ms]
tVrel4 [ms]
tshort [µs]
A
1.024
16.00
96.00
1.00
12.00
1.00
10.00
1.00
300
B
1.024
8.00
24.00
4.00
12.00
4.00
400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com