Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2T45DCT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2T45DCT
Description  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45DCT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2T45DCT Datasheet HTML 1Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 2Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 3Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 4Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 5Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 6Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 7Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 8Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
B1
DIR
5
7
A1
2
VCCA
VCCB
B2
6
A2
3
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC2T45
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
SN74LVC2T45 Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage
Translation
1
1 Features
1
•
Fully Configurable Dual-Rail Design Allows Each
Port to Operate Over the Full 1.65-V to 5.5-V
Power-Supply Range
•
VCC Isolation Feature – If Either VCC Input Is at
GND, Both Ports Are in the High-Impedance State
•
DIR Input Circuit Referenced to VCCA
•
Low Power Consumption, 4-μA Max ICC
•
Available in the Texas Instruments NanoFree™
Package
•
±24-mA Output Drive at 3.3 V
•
Ioff Supports Partial-Power-Down Mode Operation
•
Max Data Rates
–
420 Mbps (3.3-V to 5-V Translation)
–
210 Mbps (Translate to 3.3 V)
–
140 Mbps (Translate to 2.5 V)
–
75 Mbps (Translate to 1.8 V)
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
4000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
Personal Electronic
•
Industrial
•
Enterprise
•
Telecom
3 Description
This dual-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.65 V to 5.5 V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65 V to 5.5 V. This allows for universal low-voltage
bidirectional translation between any of the 1.8-V,
2.5-V, 3.3-V, and 5-V voltage nodes.
The SN74LVC2T45 is designed for asynchronous
communication between two data buses. The logic
levels of the direction-control (DIR) input activate
either the B-port outputs or the A-port outputs. The
device transmits data from the A bus to the B bus
when the B-port outputs are activated, and from the B
bus to the A bus when the A-port outputs are
activated. The input circuitry on both A and B ports
always is active and must have a logic HIGH or LOW
level applied to prevent excess ICC and ICCZ.
The SN74LVC2T45 is designed so that the DIR input
circuit is supplied by VCCA. This device is fully
specified for partial-power-down applications using
Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when
it is powered down.
The VCC isolation feature ensures that if either VCC
input is at GND, both ports are in the high-impedance
state. NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2T45DCT
SM8 (8)
2.95 mm x 2.80 mm
SN74LVC2T45DCU
VSSOP (8)
2.30 mm x 2.00 mm
SN74LVC2T45YZP
DSBGA (8)
1.89 mm x 0.89 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Functional Block Diagram


Similar Part No. - SN74LVC2T45DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2T45DCT TI1-SN74LVC2T45DCT Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74LVC2T45DCTR TI-SN74LVC2T45DCTR Datasheet
427Kb / 22P
DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45DCTR TI-SN74LVC2T45DCTR Datasheet
491Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45DCTR TI-SN74LVC2T45DCTR Datasheet
628Kb / 26P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45DCTR TI-SN74LVC2T45DCTR Datasheet
611Kb / 25P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVC2T45DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI1-SN74LVC2T45_V01 Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com