Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2T45 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2T45
Description  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments SN74LVC2T45 Datasheet HTML 10Page - Texas Instruments SN74LVC2T45 Datasheet HTML 11Page - Texas Instruments SN74LVC2T45 Datasheet HTML 12Page - Texas Instruments SN74LVC2T45 Datasheet HTML 13Page - Texas Instruments SN74LVC2T45 Datasheet HTML 14Page - Texas Instruments SN74LVC2T45 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
VCCB = 1.8 V
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
0
5
10
15
20
25
30
35
CL − pF
0
1
2
3
4
5
6
7
8
9
10
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
11
SN74LVC2T45
www.ti.com
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
Product Folder Links: SN74LVC2T45
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Typical Propagation Delay of High-to-Low (A to
B) vs Load Capacitance TA = 25°C, VCCA = 5 V
Figure 14. Typical Propagation Delay of Low-to-High (A to
B) vs Load Capacitance TA = 25°C, VCCA = 5 V
Figure 15. Typical Propagation Delay of High-to-Low (B to
A) vs Load Capacitance TA = 25°C, VCCA = 5 V
Figure 16. Typical Propagation Delay of Low-to-High (B to
A) vs Load Capacitance TA = 25°C, VCCA = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com