Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS29F200B-90SC Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation

Part # AS29F200B-90SC
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200B-90SC Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS29F200B-90SC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 18Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 19Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 20Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
$65<)533
$65<)533
$65<)533
$65<)533
®
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
49
49
49
49
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
'$7$#SROOLQJ#ZDYHIRUP
7RJJOH#ELW#ZDYHIRUP
(UDVH#DQG#SURJUDPPLQJ#SHUIRUPDQFH
Parameter
Limits
Unit
Min
Typical
Max
Sector erase and verify-1 time (excludes 00h programming prior to erase)
-
1.6
-
sec
Word programming time
-
60
-
µs
Byte program time
-
60
-
µs
Chip programming time
-
7.5
-
sec
Erase/program cycles
-
-
10,000
cycles
CE
OE
WE
DQ7
tCH
tOH
tWHWH1 or 2
tOE
tOEH
tCE
tDF
High Z
Input DQ7
Output DQ7
Output
CE
WE
OE
DQ6
tOEH
tDH
tOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com