Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS9C25512M2018L-166FC Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L-166FC
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L-166FC Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L-166FC Datasheet HTML 17Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L-166FC Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 21 of 30
®
Snooze mode
Snooze mode is a low-current, power-down mode in which the corresponding port is deselected and its current is reduced to a
very low value. Both ports are equipped with independent SNOOZE inputs (ZZ). During Snooze mode, all inputs of the port
except ZZ are internally disabled and all its Outputs go to High-Z.
ZZ is an asynchronous, active HIGH input that causes the selected port to enter Snooze mode. If both ports go into Snooze mode,
the device is deselected and current is reduced to IZZ. When ZZA and ZZB become a logic HIGH, IZZ is guaranteed after the
setup time tSCZZ is met.
Any READ or WRITE operation pending when the port enters Snooze mode is not guaranteed to complete. Therefore, Snooze
mode must not be initiated until valid pending operations are completed. Similarly during the time tRCZZ, when the port is
transitioning out of snooze mode, only DESELECT cycles should be given.
Snooze mode electrical characteristics
Snooze mode timing waveform[1,3]
Notes:
1. During Snooze mode, all dynamic inputs are disabled (except JTAG inputs). During JTAG operations, ZZx must be held Low in order to capture the parallel inputs of the bound-
ary scan register. All static inputs (i.e. PL/FTx,OPTx) and ZZx themselves are not affected during snooze mode.
2. CE is an internal signal. CE = H implies 'Chip is Deselected' (CE0 = H or CE1 =L), CE = L implies 'Chip is Selected' (CE0 = L and CE1 =H).
3. All timings are same for Port A and Port B.
4. Minimum of two deselect cycles should be given before asserting snooze and minimum of two deselect cycles should be given after de-asserting snooze to guarantee data
integrity.
5. Select cycles indicated before and after Snooze are Read cycles. They can also be Write cycles.
Description
Conditions
Symbol
Min
Max
Units
SNOOZE MODE Current
ZZA = ZZB >= VIH
IZZ
15
18
mA
ZZ active to input ignored
tSCZZ
-
2
cycle
ZZ inactive to input sampled
tRCZZ
2
-
cycle
ZZ active to enter Snooze Current
tSIZZ
-
2
cycle
ZZ inactive to exit Snooze Current
tRIZZ
0
-
cycle
CLK
tCH
tCYC
tCL
Don’t care
tCEH
tCES
tSIZZ
tRIZZ
IZZ
tSCZZ
ZZ setup cycles
tRCZZ
ZZ recovery cycles
High-Z
CE[2,4]
ZZ
ISupply
OUTPUTS[5]
INPUTS
(Except ZZ)
(Qout)
tHZC
tLZC
Undefined
Valid
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com