Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2I99446 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM2I99446
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99446 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM2I99446 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99446 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
July 2005
ASM2I99446
rev 0.4
2.5V and 3.3V LVCMOS Clock Distribution Buffer
6 of 14
Notice: The information in this document is subject to change without notice.
Table 9: AC CHARACTERISTICS (V
CC = VCCA = VCCB = VCCC = 2.5V ±5%, TA = –40°C to +85°C)
1,2
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250
3
MHz
fMAX
Maximum Output Frequency
÷1 output
÷2 output
0
0
250
2
125
MHz
MHz
FSELx=0
FSELx=1
tP, REF
Reference Input Pulse Width
1.4
nS
tr, tf
CCLK Input Rise/Fall Time
1.0
4
nS
0.7 to 1.7V
tPLH
tPHL
Propagation delay
CCLK0,1 to any Q
CCLK0,1 to any Q
2.6
2.6
5.6
5.5
nS
nS
tPLZ, HZ
Output Disable Time
10
nS
tPZL, LZ
Output Enable Time
10
nS
tsk(O)
Output-to-output Skew
Within one bank
Any output Bank, Same output divider
Any output, Any output divider
150
200
350
pS
pS
pS
tsk(PP)
Device-to-device Skew
3.0
nS
tSK(P)
Output pulse skew
5
200
pS
DCQ
Output Duty Cycle
÷1 or ÷2 output
45
50
55
%
DCREF = 50%
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
0.6 to 1.8V
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT.
2 AC specifications are design targets, final specification is pending device characterization.
3 The ASM2I99446 is functional up to an input and output clock frequency of 350MHz and is characterized up to 250MHz.
4 Violation of the 1.0nS maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse width,
output duty cycle and maximum frequency specifications.
5 Output pulse skew is the absolute difference of the propagation delay times: | tpLH - tpHL |.
Table 10: AC CHARACTERISTICS (V
CC = 3.3V + 5%, VCCA, VCCB, VCCC = 2.5V + 5% or 3.3V + 5%, TA = –40°C to +85°C)
1,2
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
tsk(O)
Output-to-output Skew
Within one bank
Any output Bank, Same output divider
Any output, Any output divider
150
250
350
pS
pS
pS
tsk(PP)
Device-to-device Skew
2.5
nS
tPLH,HL
Propagation delay
CCLK0,1 to any Q
See 3.3V table
tSK(P)
Output pulse skew
3
250
pS
DCQ
Output Duty Cycle
÷1 or ÷2 output
45
50
55
%
DCREF = 50%
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT.
2 For all other AC specifications, refer to 2.5V or 3.3V tables according to the supply voltage of the output bank.
3 Output pulse skew is the absolute difference of the propagation delay times: | tpLH - tpHL |.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com