Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM2I99447 Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # ASM2I99447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99447 Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM2I99447 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM2I99447 Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
May 2005
ASM2I99447
rev 0.3
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
9 of 14
Notice: The information in this document is subject to change without notice.
Power Consumption of the ASM2I99447 and
Thermal Management
The ASM2I99447 AC specification is guaranteed for the
entire operating frequency range up to 350MHz. The
ASM2I99447 power consumption and the associated
long-term
reliability
may
decrease
the
maximum
frequency limit, depending on operating conditions such
as clock frequency, supply voltage, output loading,
ambient temperature, vertical convection and thermal
conductivity of package and board. This section
describes the impact of these parameters on the junction
temperature and gives a guideline to estimate the
ASM2I99447 die junction temperature and the associated
device reliability.
Table 9. Die junction temperature and MTBF
Junction temperature
(°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable
MTBF, the die junction temperature of the ASM2I99447
needs to be controlled and the thermal impedance of the
board/package
should
be
optimized.
The
power
dissipated in the
ASM2I99447
is represented in
equation 1.Where ICCQ is the static current consumption
of the ASM2I99447, CPD is the power dissipation
capacitance per output,
(Μ)ΣCL represents the external
capacitive output load, N is the number of active outputs
(N is always 12 in case of the ASM2I99447). The
ASM2I99447 supports driving transmission lines to
maintain high signal integrity and tight timing parameters.
Any transmission line will hide the lumped capacitive load
at the end of the board trace, therefore,
ΣCL is zero for
controlled transmission line systems and can be
eliminated from equation 1. Using parallel termination
output termination results in equation 2 for power
dissipation.
In equation 2, P stands for the number of outputs with a
parallel or thevenin termination, VOL, IOL, VOH and IOH are
a function of the output termination technique and DCQ is
the clock signal duty cycle. If transmission lines are used
ΣCL is zero in equation 2 and can be eliminated. In
general, the use of controlled transmission line
techniques eliminates the impact of the lumped capacitive
loads at the end lines and greatly reduces the power
dissipation of the device. Equation 3 describes the die
junction temperature TJ as a function of the power
consumption.
Where Rthja is the thermal impedance of the package
(junction to ambient) and TA is the ambient temperature.
According to Table 9, the junction temperature can be
used to estimate the long-term device reliability. Further,
combining equation 1 and equation 2 results in a
maximum operating frequency for the ASM2I99447 in a
series terminated transmission line system, equation 4
()
()
[]
()
4
1
3
2
1
1
2
Equation
V
I
R
T
T
V
N
C
f
Equation
R
P
T
T
Equation
V
I
DC
V
V
I
DC
C
C
N
f
V
I
V
P
Equation
V
C
C
N
f
V
I
P
CC
CCQ
thja
A
JMAX
CC
PD
CLOCKMAX
thja
TOT
A
J
P
OL
OL
Q
OH
CC
OH
Q
M
L
PD
CLOCK
CC
CCQ
CC
TOT
CC
M
L
PD
CLOCK
CC
CCQ
TOT
=
+
=
+
+
+
+
=
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com