Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3Z2V2 Datasheet(PDF) 4 Page - Jinan Jingheng (Group) Co.,Ltd

Part # MM3Z2V2
Description  0.3W SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

MM3Z2V2 Datasheet(HTML) 4 Page - Jinan Jingheng (Group) Co.,Ltd

  MM3Z2V2 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd MM3Z2V2 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd MM3Z2V2 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd MM3Z2V2 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-4
JINAN JINGHENG ELECTRONICS CO., LTD.
MM3Z... SILICON PLANAR ZENER DIODES
SOD-323FL
(0.35+0.10)
-0.05
0.014"+0.002"
-0.002"
0.010"(0.250)
MAX
(1.70±0.10
0.067"+-0.004
(2.55
±0.25)
0.100"
±0.010"
5
°
(1.25+0.10)
-0.10
0.049"+0.004"
-0.004"
(0.85
±0.25)
0.037"
±0.006"
Dimensions in inches and (millimeters)
SOD-323
Dimensions in inches and (millimeters)
0.006(0.15)
MAX
0.010(0.25)
MIN
0.008(0.2)
0.004(0.1)
0.016(0.40)
0.010(0.25)
0.057(1.45)
0.063(1.6)
0.071(1.8)
0.091(2.3)
0.106(2.7)
0.039(1.0)
0.031(0.8)
0.045(1.15)
HTTP://WWW.JINGHENG.CN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com