Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330DHCX Datasheet(PDF) 7 Page - STMicroelectronics

Part # ISM330DHCX
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330DHCX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ISM330DHCX Datasheet HTML 3Page - STMicroelectronics ISM330DHCX Datasheet HTML 4Page - STMicroelectronics ISM330DHCX Datasheet HTML 5Page - STMicroelectronics ISM330DHCX Datasheet HTML 6Page - STMicroelectronics ISM330DHCX Datasheet HTML 7Page - STMicroelectronics ISM330DHCX Datasheet HTML 8Page - STMicroelectronics ISM330DHCX Datasheet HTML 9Page - STMicroelectronics ISM330DHCX Datasheet HTML 10Page - STMicroelectronics ISM330DHCX Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 5. STEVAL-STWINKT1 schematic - MCU
U4
X1
16MHz
STM32L4R9ZIJ6
CS_WIFI
I2C3_SDA
2
F10
J1
G5
SAI1_MCLK_A
PF12
PB1
C6
A9
R3
4.7k
PH1-OSC_OUT
INT1_DHC
H9
G3
PGOOD
WIFI_BOOT0
PD15
SWDIO
R34
1k
G7
D2
ESDALC6V1-1U2
RESET
PF0
BOOT0-PE0
E9
PA0
PB10
F7
K8
PC0
VDD_uC
SPI1_MOSI
1
J9
PB11
K9
LED2
SDMMC_D3
10
PA10
C49
6.8pF
OSC32_OUT
PA9
PG5
PF2
PG9
INT1_ADWB
E11
PG10
PG7
C45
100nF
LED2
Orange
R2
4.7k
INT_M
Differential pairs
100 OHM
R32
4.7k
D3
ESDALC6V1-1U2
LED2
SPI3_MISO
EX_PWM
PA10
I2C2_SMBA
CHRG
R33
4.7k
INT_STT
CS_ADWB
D4
C5
5.6pF
PC14-OSC32_IN
D1
H6
PF15
SPI2_MISO
WIFI_DRDY
B8
PD12
I2C4_SDA
PF7
PA15
SDMMC_D1
H10
L2
PD3
PA1
PE2
A8
C3
VDD_uC
PD7
PB9
PD9
7
PC13
J2
PE11
PC1
USART2_TX
BOOT0-PE0
PC9
PA14/SWCLK
C12
PD8
SPI2_MOSI_p2
H7
B12
PB8
PE3
M10
PA5
L4
C48
1uF
RESET
OSC32_OUT
STSAFE_RESET
C35
100nF
PB14
R35
560R
PC2
PD14
I2C4_SCL
DSI_D0_P
PF5
1
2
USART3_RTS
DAC1_OUT1
DFSDM1_CKOUT
5
H12
PD0
M3
E2
PE15
PF1
PF14
PC11
PE5
PG10
E3
C41
4.7uF
SWDCLK
PD6
INT2_ADWB
G8
PA0/WKUP1
PF6
USART2_TX
SDMMC_D0
K3
PA8
D11
NRST
H3
4
PB5
PB3
PC4
G4
4
L5
PB12
A10
USART2_RX
PG3
PA6
K10
OSC_IN
11
C39
100nF
J12
PB14
C10
D12
PC6
OSC32_IN
PA11
INT2_DHC
E1
M8
PG1
USART3_TX
4
INT2_DH
DSI_CLK_N
K12
PG6
PE7
G6
E4
DFSDM1_D7
F9
3
SAI1_SD_B
BUTTON_PWR
M7
WIFI_WAKEUP
PE14
SDMMC_CK
G9
C7
SAI1_SD_A
PD4
PE8
CS_DH
PB2
2V7A
H5
DSIHOST_D0P
SPI1_CLK
PG2
PE4
D3
SD_DETECT
PC8
PD1
PC10
B7
E10
I2C4_SCL
8
BOOT0-PE0
D8
SPI3_MOSI
D5
B3
I2C2_SCL
SWDCLK
PE13
PF9
OSC32_IN
K5
J4
12
H4
BLE_RST
USART3_RX
B10
D6
F4
VDD_uC
PG12
INT_HTS
DSIHOST_D1P
RTC_TAMP1
H11
PA3
SAI1_FS_A/DFSDM_D3
B9
J6
C2
C9
uC_ADC_BATT
PG8
DSI_D1_N
SPI2_CLK
PB6
G11
ADC1_IN2
PA4
J7
STM32 Current monitoring
PA1
M4
K4
A5
B4
F12
PB4
SPI1_MISO
2
VDD_uC
PE12
R1
10k
C4
PD10
PC3
H8
14
OSC_OUT
PB15
6
9
PE10
PG0
M5
D7
PF3
H1
I2C2_SDA
E5
PH0-OSC_IN
1
OSC_OUT
I2C3_SCL
PC5/WKUP5
USART3_CTS
PH3-BOOT0
A4
I2C2_SDA
L10
PF10
I2C4_SDA
C38
100nF
C1
100nF
DSIHOST_D0N
PA13/SWDIO
EX_ADC
PC13/WKUP2
3-4SEL
1
C6
5.6pF
SPI2_MOSI
EX_RESET
BLE_SPI_CS
DSI_D0_N
PD13
DSIHOST_D1N
DSIHOST_CKP
H2
G10
SDMMC_D2
3
PF13
K7
PG13
OTG_FS_DM
K11
2V7A
PC12
PE12
D9
J11
BLE_TEST9
PG12
C50
100nF
E8
LED1
D10
PB0
USART2_RTS
C46
10nF
L9
PB7
PC7
PD2
B6
VDD_uC
C43
6.8pF
RESET
J8
PF8
F1
PC5/WKUP5
C42
100nF
C32
100nF
SW_SEL
PA9
A2
13
PE0
D2
PC15-OSC32_OUT
DCDC_2_EN
C_EN
F2
2
E6
2
VDD_uC
PB11
AGND
EXTI_LINES
EXTI0 --> USR Button
EXTI1 --> BLE
EXTI2 --> INT2_DH or INT2_ADWB
EXTI3 --> BLE_TEST9
EXTI4 --> INT2_DHC
EXTI5 --> WKUP_INT
EXTI6 --> HTS
EXTI7 --> PGOOD
EXTI8 --> INT1_DLC
EXTI9 --> Mag
EXTI10 --> PWR_BTN
EXTI11 --> WiFi
EXTI12 --> EX_CN
EXTI13 --> TAMP,WKUP Ext
EXTI14 --> INT1_ADWB
EXTI15 --> INT_STT
USR/BOOT
BLE_TEST8
ADC1_IN1
PB8
RESET
1-2SEL
PG4
K6
DSI_CLK_P
PF11
VDD_uC
PE6/WKUP3
F5
PG9
1
USART2_RX
PA2/WKUP4
B5
CHRG
LED1
Green
SDMMC_CMD
J7
PA7
J2
STDC14
PE9
M9
SAI1_SCK_A
DSIHOST_CKN
A3
PB9
DCDC_1
3
WIFI_RST
E7
J3
C8
PE1
OTG_FS_DP
LED1
C34
100nF
L3
X2
32.7680KHZ
SP1
L8
PD11
C5
SPI3_CLK
PD5
OSC_IN
F6
B11
M11
I2C2_SCL
PF4
CS_DHC
PE9
Close to
VREF/VDDA
Close to VDD/VDDIO2
Close to
VDDUSB
SWDIO
BLE_INT
C44
100nF
PA12
J5
L7
PB13
DSI_D1_P
C7
2.2uF
C36
1uF
F3
USR
3
4
DFSDM1_DATIN5
C47
100nF
SPI2_MISO_p2
F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com