Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN32F0A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSPIN32F0A
Description  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0A Datasheet(HTML) 1 Page - STMicroelectronics

  STSPIN32F0A Datasheet HTML 1Page - STMicroelectronics STSPIN32F0A Datasheet HTML 2Page - STMicroelectronics STSPIN32F0A Datasheet HTML 3Page - STMicroelectronics STSPIN32F0A Datasheet HTML 4Page - STMicroelectronics STSPIN32F0A Datasheet HTML 5Page - STMicroelectronics STSPIN32F0A Datasheet HTML 6Page - STMicroelectronics STSPIN32F0A Datasheet HTML 7Page - STMicroelectronics STSPIN32F0A Datasheet HTML 8Page - STMicroelectronics STSPIN32F0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
September 2017
DocID030766 Rev 2.0
1/41
This is information on a product in full production.
www.st.com
STSPIN32F0A
Advanced BLDC controller with embedded STM32 MCU
Datasheet - production data
Features
•
Extended operating voltage from 6.7 to 45 V
•
Three-phase gate drivers
−
600 mA sink/source
−
Integrated bootstrap diodes
−
Cross-conduction prevention
•
32-bit ARM® Cortex®-M0 core:
−
Up to 48 MHz clock frequency
−
4-kByte SRAM with HW parity
−
32-kByte Flash memory with option
bytes used for write/readout protection
−
Availability FW bootloader
•
3.3. V DC/DC buck converter regulator with
overcurrent, short-circuit, and thermal
protection
•
12 V LDO linear regulator with thermal
protection
•
16 general-purpose I/O ports (GPIO)
•
5 general-purpose timers
•
12-bit ADC converter (up to 9 channels)
•
I2C, USART and SPI interfaces
•
3 rail-to-rail operation amplifiers for signal
conditioning
•
Comparator for overcurrent protection with
programmable threshold
•
Standby mode for low power consumption
•
UVLO protection on each power supply:
−
VM, VDD, VREG and VBOOTx
•
On-chip debug support via SWD
•
Extended temperature range: -40 to +125 °C
Applications
•
Smart manufacturing equipment
•
Power tools, FANs and pumps
•
Home appliances: vacuum cleaners,
hand/hair dryers, air purifiers and coffee
machines
•
High-tech applications such as: drones,
gimbals, educational/home robots


Similar Part No. - STSPIN32F0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
STSPIN32F0A STMICROELECTRONICS-STSPIN32F0A Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
More results

Similar Description - STSPIN32F0A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6911 AAEON-AEC-6911 Datasheet
320Kb / 2P
Advanced Fanless Embedded Controller With Intel Atom Low Power Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
Melexis Microelectronic...
MLX81205 MELEXIS-MLX81205 Datasheet
463Kb / 18P
BLDC Motor Controller
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0601 STMICROELECTRONICS-STSPIN32F0601 Datasheet
1Mb / 32P
Advanced 600 V three-phase BLDC controller with embedded STM32 MCU
Rev 5 - February 2021
STEVAL-SPIN3202 STMICROELECTRONICS-STEVAL-SPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
STSPIN32G4 STMICROELECTRONICS-STSPIN32G4 Datasheet
1Mb / 48P
High performance 3-phase motor controller with embedded STM32G4 MCU
Rev 1 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com