Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST-LINK/V2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST-LINK/V2
Description  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-LINK/V2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST-LINK/V2 Datasheet HTML 7Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 8Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 9Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 10Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 11Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 12Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 13Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 14Page - STMicroelectronics ST-LINK/V2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UM1075 Rev 8
11/19
UM1075
Hardware configuration
18
Figure 8. Target SWIM connector
Table 3 summarizes the signal names, functions, and target connection signals using the
separate-wires cable.
As the SWIM separate-wires cable has independent connectors for all pins on one side, it is
possible to connect the ST-LINK/V2-ISOL to an application board without a standard SWIM
connector. On this flat ribbon, all signals are referenced by a specific color and a label to
ease the connection on target.
TVCC, SWIM, GND and SWIM-RST can be connected to a low-cost 2.54 mm pitch
connector or to pin headers available on the target board.
Table 2. SWIM flat ribbon connections for ST-LINK/V2
Pin no.
Name
Function
Target connection
1
VDD
Target VCC(1)
1. The power supply from the application board is connected to the ST-LINK/V2 debugging and programming
board to ensure signal compatibility between both boards.
MCU VCC
2
DATA
SWIM
MCU SWIM pin
3
GND
GROUND
GND
4
RESET
RESET
MCU RESET pin
Table 3. SWIM low-cost cable connections for ST-LINK/V2-ISOL
Color
Cable pin name
Function
Target connection
Red
TVCC
Target VCC(1)
1. The power supply from the application board is connected to the ST-LINK/V2 debugging and programming
board to ensure signal compatibility between both boards.
MCU VCC
Green
UART-RX
Unused
Reserved (2)
(not connected on the target board)
2. BOOT0, UART-TX and UART-RX are reserved for future developments.
Blue
UART-TX
Yellow
BOOT0
Orange
SWIM
SWIM
MCU SWIM pin
Black
GND
GROUND
GND
White
SWIM-RST
RESET
MCU RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com