Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F722RCI7TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F722RCI7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722RCI7TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32F722RCI7TR Datasheet HTML 2Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 3Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 4Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 5Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 6Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 7Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 8Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 9Page - STMicroelectronics STM32F722RCI7TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 229 page
background image
Contents
STM32F722xx STM32F723xx
6/229
DS11853 Rev 6
6.3.31
Quad-SPI interface characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
6.3.32
SD/SDIO MMC card host interface (SDMMC) characteristics . . . . . . . 199
7
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202
7.1
LQFP64 – 10 x 10 mm, low-profile quad flat package information . . . . . 202
7.2
LQFP100, 14 x 14 mm low-profile quad flat package information . . . . . 205
7.3
LQFP144, 20 x 20 mm low-profile quad flat package information . . . . . 208
7.4
LQFP176 24 x 24 mm low-profile quad flat package information . . . . . . .211
7.5
UFBGA144 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
7.6
UFBGA176+25, 10 x 10, 0.65 mm ultra thin-pitch ball grid
array package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218
7.7
WLCSP100 - 0.4 mm pitch wafer level chip scale package information 221
7.8
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
8
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
Appendix A Recommendations when using internal reset OFF . . . . . . . . . . . 227
A.1
Operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com