Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F722VCI7TR Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F722VCI7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCI7TR Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F722VCI7TR Datasheet HTML 101Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 102Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 103Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 104Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 105Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 106Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 107Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 108Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 229 page
background image
DS11853 Rev 6
105/229
STM32F722xx STM32F723xx
Electrical characteristics
201
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX −VSS| Variations between all the different ground pins(3)
-50
VESD(HBM)
Electrostatic discharge voltage (human body model)
see Section 6.3.18:
Absolute maximum
ratings (electrical
sensitivity)
-
1. All main power (VDD, VDDA, VDDSDMMC, VDDPHYHS, VDDUSB) and ground (VSS, VSSA) pins must always be
connected to the external power supply, in the permitted range.
2. VIN maximum value must always be respected. Refer to Table 14 for the values of the maximum allowed
injected current.
3. Include VREF- pin.
Table 13. Voltage characteristics (continued)
Symbol
Ratings
Min
Max
Unit
Table 14. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD_x power lines (source)(1)
300
mA
Σ IVSS
Total current out of sum of all VSS_x ground lines (sink)(1)
− 300
Σ IVDDUSB
Total current into VDDUSB power line (source)
25
Σ IVDDSDMMC
Total current into VDDSDMMC power line (source)
60
IVDD
Maximum current into each VDD_x power line (source)(1)
100
IVDDSDMMC
Maximum current into VDDSDMMC power line (source): PG[12:9], PD[7:6]
100
IVSS
Maximum current out of each VSS_x ground line (sink)(1)
− 100
IIO
Output current sunk by any I/O and control pin
25
Output current sourced by any I/Os and control pin
− 25
ΣIIO
Total output current sunk by sum of all I/O and control pins (2)
120
Total output current sunk by sum of all USB I/Os
25
Total output current sourced by sum of all I/Os and control pins(2)
− 120
IINJ(PIN)
Injected current on FT, FTf, RST and B pins (3)
− 5/+0
Injected current on TTa pins(4)
±5
ΣIINJ(PIN)(4)
Total injected current (sum of all I/O and control pins)(5)
±25
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages.
3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
4. A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be
exceeded. Refer to Table 13: Voltage characteristics for the values of the maximum allowed input voltage.
5. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com