Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F722VCI7TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32F722VCI7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCI7TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32F722VCI7TR Datasheet HTML 14Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 15Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 16Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 17Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 18Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 19Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 20Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 21Page - STMicroelectronics STM32F722VCI7TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 229 page
background image
Description
STM32F722xx STM32F723xx
18/229
DS11853 Rev 6
Figure 2. Compatible board design for LQFP64 package
The STM32F722xx LQFP144, UFBGA176 and LQFP176 packages are fully pin to pin
compatible with the STM32F4xx devices.
MSv41007V3
PB11 not available anymore
STM32F4x1
Replaced by VCAP_1
53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
29 30 31 32
28
VDD
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PB15
PB14
PB13
PB12
STM32F405/
STM32F415 line
VSS
VSS
VDD
VDD
53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
29 30 31 32
28
VDD
VCAP_2
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PB15
PB14
PB13
PB12
V
increased to 4.7 μf
ESR 1 ohm or below 1 ohm
CAP
VDD
VSS
VDD
PC5 not available anymore
V
increased to 4.7 μf
VDD
STM32F722xx
57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
24
29 30 31 32
25 26 27 28
VDD
VSS
PC8
PC7
PC6
PB12
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PB15
PB14
PB13
ESR between 0.1 ohm and 0.2 ohm
CAP
VDD
VSS
Replaced by VCAP_1
21 22 23
17 18 19 20
Not compatible STM32F722xx pins with either
STM32F4x1 or STM32F405/F415 or both
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com