Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3X2105AFSR Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3X2105AFSR
Description  Low Frequency EMI Reduction
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3X2105AFSR Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3X2105AFSR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3X2105AFSR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
October 2003
ASM3X2105A
rev 1.0
Low Frequency EMI Reduction
2 of 10
Notice: The information in this document is subject to change without notice.
1
2
3
4
5
6
7
8
ASM3X2105A
XIN /CLK
XOUT
DIV2
VSS
SR0
SSON#
MODOUT
VDD
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLK
I
Crystal connection or external reference frequency input. This pin has dual
functions. It can be connected to either an external crystal or an external
reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
DIV2
I
Digital logic input used to select normal output mode or divide-by-2 output
mode. When this pin is HIGH, the frequency of the output clock is the same
as the input clock frequency. When it is tied LOW, the output frequency is
half the input clock frequency. This pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip.
5
SR0
I
Digital logic input used to select Spreading Range (Refer Spread Deviation
Table). This pin has an internal pull-up resistor.
6
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW).
Spread Spectrum function enabled when LOW, disabled when HIGH. This
pin has an internal pull-low resistor.
7
MODOUT
O
Spread spectrum low EMI output.
8
VDD
P
Power supply for the entire chip (5V).
Spread Deviation Table
SR0
Spread Deviation (%)
1
±1
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com