Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM4SSTVF16857-48VT Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # ASM4SSTVF16857-48VT
Description  DDR 14-Bit Registered Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM4SSTVF16857-48VT Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button ASM4SSTVF16857-48VT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 15Page - Alliance Semiconductor Corporation ASM4SSTVF16857-48VT Datasheet HTML 16Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
August 2004
ASM4SSTVF16857
rev 2.0
DDR 14-Bit Registered Buffer
13 of 16
Package Dimensions (Alternate size)
2
N
Index area
E1 E
e
b
A1
A
D
A2
c
L
aaaC
4.40 mm (173 mil) body,
0.40 mm (16 mil) pitch TVSOP
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
–
1.20
–
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.32
0.041
b
0.13
0.23
0,005
0.009
c
0.09
0.20
0.0035
0.008
D
See variations below
E
6.40 basic
0.252 basic
E1
4.30
4.50
0.169
0.177
e
0.40 basic
0.016 basic
L
0.45
0.75
0.018
0.030
N
See variations below
a
0
8
0
8
aaa
–
0.08
–
0.003
Variations
:
N
D (mm)
D (inch)
Min
Max
Min
Max
48
9.60
9.80
0.378
0.386
Seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com