Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4047B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 4047B
Description  20 MHz Dual Channel Function / Arbitrary Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4047B Datasheet(HTML) 1 Page - B&K Precision Corporation

  4047B Datasheet HTML 1Page - B&K Precision Corporation 4047B Datasheet HTML 2Page - B&K Precision Corporation 4047B Datasheet HTML 3Page - B&K Precision Corporation 4047B Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
20 MHz Dual Channel Function / Arbitrary Generator
Model 4047B
Technical data subject to change
© B&K Precision Corp. 2019
www.bkprecision.com
Features & Benefits
n
Dual-channel operation with each channel
providing the rated amplitude (10 Vpp) over
the entire frequency range
n
Sine and square waveforms up to 20 MHz
n
True point-by-point 14-bit, 125 MSa/s, 16-kpt
arbitrary waveform generator
n
Bright color display with waveform preview
n
Synchronize the phase of both channels with
the push of a button
n
Linear and logarithmic sweep
n
AM, FM, PM, FSK, and PWM internal and
external modulation capabilities
n
Gate and burst mode
n
Independent output and DC offset amplifiers
allow for small amplitude output signals with
large DC offsets
n
Low-jitter square wave generation for
simulating reliable clock signals, generating
triggers, or validating serial data buses
n
USB interface
n
SCPI-compliant command set
n
Internal/external triggering
n
Built-in counter
n
Short circuit protection for resistive and
capacitive loads on outputs and overvoltage
protection on inputs
The 4047B Dual Channel Function/Arbitrary
Waveform Generator is capable of generating
stable and precise sine, square, triangle, pulse,
and arbitrary waveforms. CH1 and CH2 outputs
are fully independent with individual on/off
buttons and can both be varied from 0 to 10 Vpp
into 50 ohms (up to 20 Vpp into open circuit).
The generator provides linear and logarithmic
sweep capabilities, AM/FM/PM/FSK/PWM
modulation, and a continuously variable DC offset
to inject signals directly into circuits at the
Applications
This generator is suitable for a wide range of
applications including electronic design,
sensor simulation, functional test, or serial
data bus validation.
For more information, visit www.bkprecision.com/WaveXpress
Fig 1 - DDS
Phase
Accumulator
Phase to
Amplitude
Conversion
DAC
Dual architecture design
The 4047B’s dual architecture, a feature typically only found in more expensive generators, provides all the
benefits of a DDS and a true point-by-point arbitrary waveform generator (AWG) combined, without any
limitations imposed by either technology. The DDS chip produces standard sine and triangle waveforms
with high frequency resolution and at a low cost. The true point-by-point AWG implementation (Fig 2)
offers improved signal integrity for arbitrary waveforms by producing significantly less jitter and distortion
compared to a DDS-based architecture. Custom arbitrary waveform generation is implemented with a
variable clock signal to reproduce each point stored in memory without skipping or repeating data points, a
problem typically found in DDS based designs with fixed reference clocks.
Fig 2 - point-by-point AWG
Waveform
Memory
DAC
Low jitter clock
(variable)
Reference clock (fixed)
Freq.
control
correct bias level. Separate output amplitude and
DC offset amplifiers let you set a large DC offset
(e.g. ± 4.99 V) with a small amplitude output
signal (e.g. 10 mV).
The 4047B seamlessly integrates with B&K
Precision’s waveform editing software WaveXpress,
allowing users to generate complex arbitrary
waveforms that can be output via the instrument’s
14-bit, 125 MSa/s, 16 kpts arbitrary waveform
generator.


Similar Part No. - 4047B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
4047B STMICROELECTRONICS-4047B Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
More results

Similar Description - 4047B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
Arbitrary/Function Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
Arbitrary Function Generator
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
Function/Arbitrary Waveform Generator
33220A KEYSIGHT-33220A Datasheet
351Kb / 5P
20 MHz Function/Arbitrary Waveform Generator
33210A KEYSIGHT-33210A Datasheet
460Kb / 5P
10 MHz Function/Arbitrary Waveform Generator
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
ARBITRARY FUNCTION GENERATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com