Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFT-10-CG-R35-MPD Datasheet(PDF) 7 Page - Luminus, Inc

Part # SFT-10-CG-R35-MPD
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-10-CG-R35-MPD Datasheet(HTML) 7 Page - Luminus, Inc

Back Button SFT-10-CG-R35-MPD Datasheet HTML 3Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 4Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 5Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 6Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 7Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 8Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 9Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 10Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Optical & Electrical Characteristics
7
PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086 USA
SFT-10 Product Datasheet
General Characteristics
Symbol
Red -Amber
Converted
Green
Blue*
Unit
Emitting Area
1.0
1.0
1.0
mm2
Emitting Area Dimensions
1.0 x 1.0
1.0 x 1.0
1.0 x 1.0
mm x mm
Performance at Standard Test Conditions (See definition on p5)
Peak Luminuous Flux 1,2,5
typ
Φ
v
120
259
34
lm
Peak Radiometric Flux 1,2
typ
Φ
r
0.42
0.55
0.88
W
Dominant Wavelength
min
λ
dmin
609
545
449
nm
typ
λ
d
613
555
455
max
λ
dmax
621
565
461
FWHM- Spectral bandwidth at 50%
of Φv
typ
16
98
19
Chromaticity Coordinates 6,7
typ
x
0.66
0.33
0.14
CIE x
typ
y
0.32
0.56
0.04
CIE y
Forward Voltage
min
V
F min
2.2
2.5
2.5
V
typ
V
F
2.5
3.0
3.0
max
V
F max
3.0
3.6
3.6
Correlated Performance in Typical Display Application (2.5A/mm2 @ 40C) [Reference Only]. See curves starting on p8.
Reference Drive Current
typ
I
F
2.5
2.5
2.5
A
Reference Duty Cycle
typ
25
50
25
%
Luminous Flux
typ
Φ
v
300
650
100
lm
Radiometric Flux
typ
Φ
r
1.1
1.4
2.0
W
Dominant Wavelength
typ
λ
d
613
555
453
nm
FWHM -Spectral bandwidth at 50%
of Φv
typ
15
99
19
Chromaticity Coordinates 6,7
typ
x
0.66
0.32
0.14
typ
y
0.33
0.55
0.04
Forward Voltage
typ
V
F
3.6
3.5
3.4
V
Note 1: All ratings are based on standard testing conditions unless specified otherwise.
Note 2: Parameters rated at Standard Test condition as defined on page 6.
Note 3: Duty Cycle used to specify device ratings under Pulsed operation. SFT-Series of LEDs can operate at duty cycles ranging from 1% to 100%. At
higher duty cycles, drive current should be adjusted to maintain the junction temperature at desired levels to meet the application lifetime
requirements.
Note 4: In pulsed operation, rise time from 10 to 90% of forward current should be larger than 0.5 microseconds.
Note 6: CIE 1931 chromaticity diagram coordinates, normalized to X+Y+Z=1.
Note 7:
For Reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com