Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFT-10-B-R35-EPD Datasheet(PDF) 17 Page - Luminus, Inc

Part # SFT-10-B-R35-EPD
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-10-B-R35-EPD Datasheet(HTML) 17 Page - Luminus, Inc

Back Button SFT-10-B-R35-EPD Datasheet HTML 11Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 12Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 13Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 14Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 15Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 16Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 17Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 18Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 19Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086 USA
SFT-10 Product Datasheet
SHIPPING / PACKAGING INFORMATION
ITEM
Reel
Box
Packing Spec
Box Dimension
Packaging
250 pcs / Reel
5 reels per box = 1250
pcs per Box
225 x 245 x 65mm
Reel Diagram
Box Diagram
Tape Dimensioning Diagram and Table
Dimension
Spec (mm)
Ao
3.80 +/- 0.10
B0
4.00 +/- 0.10
K0
1.20 +/- 0.10
P0
4.00 +/- 0.10
P1
8.00 +/- 0.10
P2
2.00 +/- 0.05
T
0.30 +/- 0.05
E1
1.75 +/- 0.10
F
5.50 +/- 0.05
D0
1.55 +/- 0.05
D1
1.55 +/- 0.05
W
12.00 +/- 0.01
245 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com