Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WST02N20 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST02N20
Description  N-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST02N20 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST02N20 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WST02N20
Page 2
www.winsok.tw
Dec.2014
N-Ch MOSFET
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250µA
200
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=160V, VGS=0V
-
-
1
µA
TJ=85°C
-
-
30
VGS(th)
Gate Threshold Voltage
V
DS=VGS, IDS=250µA
3
4
5
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
-
-
±10
µA
RDS(ON)
d
Drain-Source On-state Resistance
VGS=10V, IDS=1A
-
5
70
680
m
Ω
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=1A, VGS=0V
-
0.8
1.3
V
trr
Reverse Recovery Time
ISD=1A, dlSD/dt=100A/
µs
-
48
-
ns
Qrr
Reverse Recovery Charge
-
70
-
nC
Dynamic Characteristics
e
R
G
Gate Resistance
V
GS=0V,VDS=0V,f=1MHz
-
4
-
Ω
C
iss
Input Capacitance
VGS=0V,
V
DS=30V,
Frequency=1.0MHz
-
280
pF
C
oss
Output Capacitance
-
25
-
C
rss
Reverse Transfer Capacitance
-
8.5
-
t
d(O N)
Turn-on Delay Time
VDD=30V, RL=30
Ω,
IDS=1A, VGEN=10V,
RG=6
Ω
-
10
18
ns
t
r
Turn-on Rise Time
-
8
15
t
d(OFF)
Turn-off Delay Time
-
9
17
t
f
Turn-off Fall Time
-
2
4
Gate Charge Characteristics
e
Qg
Total Gate Charge
VDS=100V, VGS=10V,
IDS=1A
-
6
9
nC
Qgs
Gate-Source Charge
-
2
-
Qgd
Gate-Drain Charge
-
1.5
-
Note d:Pulse test ; pulse width
≤300µs, duty cycle≤2%.
Note e:Guaranteed by design, not subject to production testing.
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com