Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WST02N20B Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST02N20B
Description  N-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST02N20B Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST02N20B Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST02N20B Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WST02N20B
Page 5
www.winsok.tw
Dec.2014
N-Ch MOSFET
-50
-25
0
25
50
75
100 125 150
Tj - Junction Temperature (
°C)
VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
VDS - Drain-Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
Typical Operating Characteristics (Cont.)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
R
ON
@T
j
=25
o
C: 580m
Ω
Drain-Source On Resistance
V
GS
= 10V
I
DS
= 1A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
5
T
j
=150
oC
T
j
=25
oC
0
8
16
24
32
40
0
50
100
150
200
250
300
350
Frequency=1MHz
Crss
Coss
Ciss
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10
V
DS
=100V
I
DS
=1A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com