Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WST05P06 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST05P06
Description  P-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST05P06 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST05P06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST05P06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST05P06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST05P06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST05P06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST05P06 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST05P06 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-
60
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -4.5V
1
-
4.9
A
ID@TC=70℃
Continuous Drain Current, VGS @ -4.5V
1
-
3.3
A
IDM
Pulsed Drain Current
2
-1
1
A
PD@TA=25℃
Total Power Dissipation
3
1.3
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
125
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃
/W
BVDSS
RDSON
ID
-
60V
68mΩ
-
4.9A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
- 23-6L Pin Configuration
Product Summery
WST05P06
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WST05P06 is the highest performance
trench P-Ch MOSFET with extreme high cell
density , which provide excellent RDSON and gate
charge for most of the synchronous buck
converter applications .
The WST05P06 meet the RoHS and Green
Product requirement , with full function
reliability approved.
D
D
G
D
D
S
(3)G
(1,2,5,6)
DD DD
( )


Similar Part No. - WST05P06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST05N10 WIINSOK-WST05N10 Datasheet
1,020Kb / 5P
N-Ch MOSFET
WST05N10L WIINSOK-WST05N10L Datasheet
3Mb / 6P
N-Ch MOSFET
More results

Similar Description - WST05P06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com