Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM-2PD-LPE Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # COM-2PD-LPE
Description  RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PD-LPE Datasheet(HTML) 1 Page - Contec Co., Ltd

  COM-2PD-LPE Datasheet HTML 1Page - Contec Co., Ltd COM-2PD-LPE Datasheet HTML 2Page - Contec Co., Ltd COM-2PD-LPE Datasheet HTML 3Page - Contec Co., Ltd COM-2PD-LPE Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ver.1.02
COM-2PD-LPE
1
RS-422A/485 2ch Serial I/O Board
with Isolation for PCI Express Low Profile
COM-2PD-LPE
* Specifications, color and design of the products are subject to change
without notice.
This product is a low profile sized PCI Express bus-supported board
designed for extending RS-422A/485 compatible serial communication
functionality on your PC.
The product has two RS-422A/485 communication ports.
Higher noise-resistant models with isolation between a PC and bus line
as well as a surge protection circuit for communication ports. With a
128byte built-in FIFO buffer for transmission and reception of each
channel, the product supports a baud rate of up to 921,600bps.
It also comes with a Windows driver, which allows boards to be used as
OS-standard COM ports.
* The contents in this document are subject to change without notice.
* Visit the CONTEC website to check the latest details in the document.
* The information in the data sheets is as of June, 2018.
Features
Max. 921,600bps RS-422A/485 Serial Communication
The product has two RS-422A/485-standard serial ports.
Baud rates from 2 to 921,600bps can be set. When using the bundled
“Standard COM Driver Software”, baud rates from 15 to 921,600bps can
be set.
Possibly used as Windows-standard COM ports, using the bundled
driver library
Comes with a driver software that allows the products to be used under
Windows in the same way as COM ports on the PC. Under Windows,
the product supports the OS-standard Win32 API communication
function as well as Visual Basic MSComm. In addition, supplies a
diagnostic program to confirm hardware operation and to perform a
communication test with equipment.
Isolation between PCs, surge protection for all signal lines
Between PCs are electrically isolated.
As isolation of the bus is provided, this prevents electrical noise between
the PC and external circuits. As surge protection is provided on all signal
lines, you can safely use the boards in environments where you are
concerned about surges causing incorrect operation or damage to the
PC.
Max. 16 boards can be installed as configured in the range COM1 -
COM256.
Up to 16 boards can be mounted on a single PC.
COM1 - COM256 can be set using the device manager.
Each channel is equipped with separate 128-byte FIFO buffers for
transmit and receive.
Employed a buffer memory 128-byte dedicated to transmission and 128-
byte for each channel.
These are FIFO format, useful for high speed communications and to
reduce the load to the CPU when transmitting/receiving. As the device
manager can be used to enable/disable the use of FIFO and set the FIFO
trigger size, you can build an optimum system according to your use.
Support for Low Profile size slot / standard size slot
Bundled with each bracket for Low Profile size slot / standard size slot.
Exchanges it for the standard size bracket when mounting on the
standard size slot.
To suit your application, cables and connectors are available as
optional
Distribution cable for 2channels and 44-pin D-SUB connectors (male
type) for your own cables are available as optional.
The control line for RS-422A/485 can be controlled and monitored by
software.
The control lines for RTS+, RTS-, CTS+ and CTS- can be controlled and
monitored using software.
Specification
Item
Specification
Number of channels
2ch
Interface type
RS-422A/RS-485
Isolation specification
Isolation between channel, Bus isolation
Isolation pressure proof
Between channel: 300VAC, Between bus : 500VAC
Transfer method
Asynchronous serial transfer (Full-duplex / half-duplex)
Baud rate
30 - 921,600bps *1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even,Odd, Non-parity *1
Loarding LSI
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO buffers.)
Connecting distance
Within 1200m *3
Interrupt requests
1 level use*4
I/O address
Any 32-byte boundary
Power consumption
3.3VDC 600mA (Max.)
Operatingtemperature
0 - 50°C, 10 - 90%RH (No condensation)
Bus specification
PCI Express BaseSpecification Rev. 1.0a x1
Dimension (mm)
121.69(L) x 67.90(H)
Connector used
44-pin D-SUB,female connector, 103A-44FGTBBB3 (mfd. by COXOC)equivalent
Weight
80g
Standard
VCCI Class A, FCC Class A, CE Marking (EMC DirectiveClass A,RoHS Directive)
*1 These items can be set by software.
*2 Data transmission at high speed may not be performed normally depending on the environment including the
type of status of connected material of cable and environment.
*3 The table below lists an example of the relationship between baud rate and communication distance.
Communication
distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps
Communication cable: 28AWG, double shielded cable,twisted pairs used for each +/- signal line.
*4 Asingleinterruptsignal "INTA"is outputasacollectionofinterruptinputsignalsfromtwochannels
Board Dimensions
[mm]
121.69(L)
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.


Similar Part No. - COM-2PD-LPE

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
COM-2PD-PE CONTEC-COM-2PD-PE Datasheet
335Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 2ch
More results

Similar Description - COM-2PD-LPE

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
COM-1PDH CONTEC-COM-1PDH Datasheet
83Kb / 3P
Isolated RS-422A/485 1ch Serial I/O Board for Low Profile PCI
COM-1PDH-LPE CONTEC-COM-1PDH-LPE Datasheet
287Kb / 3P
RS-422A/485 1ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2C-PE CONTEC-COM-2C-PE Datasheet
235Kb / 3P
RS-232C Serial I/O Board for PCI Express 2ch
COM-2DL-PCI CONTEC-COM-2DL-PCI Datasheet
70Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
COM-2PC-PE CONTEC-COM-2PC-PE Datasheet
291Kb / 3P
RS-232C Isolated Serial I/O Board for PCI Express 2ch
COM-2PDH CONTEC-COM-2PDH Datasheet
95Kb / 3P
Isolated RS-422A/485 2ch Serial I/O Board for Low Profile PCI
COM-2PD-PE CONTEC-COM-2PD-PE Datasheet
335Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 2ch
COM-4DL-PCI CONTEC-COM-4DL-PCI Datasheet
86Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 4ch Serial I/O board
COM-4PD-PE CONTEC-COM-4PD-PE Datasheet
386Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com