Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASMP5P23S09A Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S09A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S09A Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button ASMP5P23S09A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 11Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 12Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 13Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 14Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 15Page - Alliance Semiconductor Corporation ASMP5P23S09A Datasheet HTML 16Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ASM5P23S09A
August 2003
ASM5P23S05A
rev 2.0
3.3V
‘SpreadTrak’ Zero Delay Buffer
12 of 16
Notice: The information in this document is subject to change without notice.
Package Information: 16-lead (150 Mil) Molded SOIC
E
H
A
A1
A2
D
e
B
L
C
h
Seating Plane
0.004
PIN 1 ID
1
8
9
16
DIMENSIONS
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.0075
0.0098
0.191
0.249
D
0.386
0.393
9.80
9.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com