Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1811 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM1811
Description  Low Power 5V uP Reset Active LOW, Open - Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1811 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM1811 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1811 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASM1811
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.4
Low Power 5V µP Reset Active LOW, Open - Drain Output
February 2005
General Description
The ASM1811 is a voltage supervisory device with a low-power,
5V µP Reset, active LOW, open-drain output. Maximum supply
current over temperature is a low 20µA.
The ASM1811 generates an active LOW reset signal whenever
the monitored supply is out of tolerance. A precision reference
and comparator circuit monitor power supply (VCC) level.
Tolerance level options are 5%, 10% and 15%. When an out-of-
tolerance condition is detected, an internal power-fail signal is
generated which forces an active LOW reset signal. After VCC
returns to an in-tolerance condition, the reset signal remains
active for 150ms to allow the power supply and system
microprocessor to stabilize.
The ASM1811 is designed with a open-drain output stage and
operates over the extended industrial temperature range.
Devices are available in low cost TO-92 and compact surface
mount SOT-23 packages.
Other low power products in this family include the ASM1810/
12/15/16/17, ASM1233D and ASM1233M.
Key Features
•
Low Supply Current
•20 µA maximum (5.5 V)
•
Automatically restarts a microprocessor after power failure
•
150ms reset delay after VCC returns to an in-tolerance con-
dition
•
Active LOW power-up reset
•
Precision temperature-compensated voltage reference and
comparator
•
Eliminates external components
•
Low cost TO-92 and compact surface mount SOT-23 pack-
ages
•
Operating temperature -40°C to +85°C
Applications
•
Set-top boxes
•
Cellular phones
•PDAs
•
Energy management systems
•
Embedded control systems
•
Printers
•
Single board computers
Typical Operating Circuit
Block Diagram
Microprocessor
VCC
RESET
RESET
GND
ASM1811
VCC
Supply
Reference
Delay
150ms
Typical
Tolerance
Bias
+
-
2
ASM1811
VCC
Supply
Delay
150ms
Typical
Tolerance
Bias
-
GND
RESET
Reference
+
1
3
5.5KΩ


Similar Part No. - ASM1811

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM1811 ONSEMI-ASM1811 Datasheet
134Kb / 8P
Low Power Open-Drain Output
August, 2011 ??Rev. 3
More results

Similar Description - ASM1811

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
Low Power 5V uP Reset Active HIGH, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com