Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMX24-PC Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # AMX24-PC
Description  Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AMX24-PC Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  AMX24-PC Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AMX24-PC Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AMX24-PC Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Specification
Proportional control damper actuators shall be electronic direct-coupled type,
which require no crank arm and linkage and be capable of direct mounting
to a shaft up to 1.05” diameter. Actuators must provide proportional damper
control in response to 0 to 20 V phasecut control input from an electronic
controller or positioner. Actuators shall have brushless DC motor technology
and be protected from overload at all angles of rotation. Actuators shall have
reversing switch and manual override on the cover. Run time shall be constant
and independent of torque. Actuators shall be cULus listed, have a 5-year
warranty, and be manufactured under ISO 9001 International Quality Control
Standards. Actuators shall be as manufactured by Belimo.
Wiring Diagrams
Provide overload protection and disconnect as required.
Actuators may also be powered by 24 VDC.
Only connect common to negative (-) leg of control circuits.
Actuators may be connected in parallel if not mechanically linked. Power
consumption and input impedance must be observed.
AMX24-PC Technical Data Sheet
Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com