Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO-0808TY-USB Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # DIO-0808TY-USB
Description  Digital I/O Terminal for USB2.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DIO-0808TY-USB Datasheet(HTML) 3 Page - Contec Co., Ltd

  DIO-0808TY-USB Datasheet HTML 1Page - Contec Co., Ltd DIO-0808TY-USB Datasheet HTML 2Page - Contec Co., Ltd DIO-0808TY-USB Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.01
DIO-0808TY-USB
3
Cable connection
When connecting the product to an external device, you can
use the supplied connector plug.
For wiring, strip off approximately 9 - 10mm of the covered part
of a wire rod and then insert it to the opening. After the insertion,
secure the wire rod with screws. Compatible wires are AWG
28 - 16.
CAUTION
Removing the connector plug by grasping the cable can
break the wire.
When connecting the connector plug to the product, be sure
to insert it in the interior.
9 - 10mm
- Applicable plug(accessory bundled)
14 pin (Screw Terminal)
Plug header
Input Circuit
External device
Input pin
Signal
common
Vcc
+5V output
GND
GND
Vcc
SN74LVT245B
10k
Ω
Board
PolySwitch
*
Input pin represent I-xx.
*
One PolySwitch is connected to all of the +5V output pins.
The input circuit of this product is illustrated in the above figure.
External digital signals given to signal inputs are TTL levels.
The individual input signals are passedto the personal
computer as active low signals. As each of the signal inputs is
pulled up internally, theoutput of a relay contact or
semiconductor switch can be connected directly between the
signal inputand the signal common pin.
Surge absorption diodes are connected to the input circuit.
Connecting a Switch
GND (CN2 : 1 pin)
I-00 (CN2 : 11 pin)
Switch
When the switch is ON, the corresponding bit contains 1.
When the switch is OFF, by contrast, the bit contains 0.
Output Circuit
External device
Output pin
Vcc
10k
Ω
GND
GND
Un-connected
Board
+5V output
Signal
commmon
Vcc
74LS07
(Open-collector)
PolySwitch
*
Output pin: O-xx
*
One PolySwitch is connected to all of the +5V output pins.
The output circuit of this product is illustrated in the above
figure.
Signal outputs are open-collector outputs; individual output
signals are sent to the external device as active low signals.
Note that each signal output must be pulled up at the external
device as it is not pulled up internally.
Surge absorption diodes are connected to the output circuit.
CAUTION
When the PC is turned on, all output are reset to OFF.
Example of Connection to LED
O-10 (CN1 : 11 pin)
LED
2k
Ω
+5V (CN1 : 14 pin)
When "1" is output to a relevant bit, the corresponding LED comes on.
When "0" is output to the bit, in contrast, the LED goes out.
A protection function, which prevents excessive current flow
from the +5V outputs, is attached to thisterminal. In case of
accidental short of the +5V output and GND, for example, the
function works, andthe terminal operation may become
impossible temporarily. In such a case, you should turn the
PC offand wait for several minutes before you use the terminal
again.
USB
Controll
&
CPU
GND
D-
D+
VCC
Digital Input
Digital Output
Open-Collector
TTL
Receiver
Connecting Input Signals
Output Circuit
A Protection Function of the +5V Outputs
Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com