Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM708JCUA Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM708JCUA
Description  3/3.3/4.0 V uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708JCUA Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM708JCUA Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708JCUA Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5 of 16
Notice: The information in this document is subject to change without notice
3/3.3/4.0 V µP Supervisor Circuits
ASM706 P/ R/ S/ T/ J
ASM708 R/ S/ T/ J
October 2003
rev 1.0
Detailed Descriptions
A
proper
reset
input
enables
a
microprocessor/
microcontroller to start in a known state. ASM706 P/ R/ S/ T/
J and ASM708 R/ S/ T/ J assert reset to prevent code
execution errors during power-up, power-down and brown-
out conditions.
RESET/RESET Operation
The RESET/RESET signals are designed to start or return a
µP/µC to a known state.
With VCC above 1.2V, RESET and RESET are guaranteed to
be asserted. During a power-up sequence, the reset outputs
remain asserted until the supply rises above the threshold
level. The resets are deasserted approximately 200ms after
crossing the threshold.
In a brownout situation where VCC falls below the threshold
level, the reset outputs are asserted. If a brownout occurs
during an already initiated reset period, the reset period will
extend for an additional reset period of 200ms.
The ASM708 devices have dual reset outputs, one active
LOW and one active HIGH. The ASM706P has a single
active HIGH reset and the ASM706/R/S/T/J devices have an
active LOW reset output.
Manual Reset (MR)
The active-LOW manual reset input is pulled high by an
internal 20k
Ω pull-up resistor and can be driven low by
CMOS/TTL logic or a mechanical switch to ground. An
external debounce circuit is
unnecessary since the 140ms minimum reset time will
debounce mechanical pushbutton switches. The minimum
MR input pulse width is 0.5
µs with a 3V VCC input and 0.15µs
with a 5V VCC input. If not used, tie MR to VCC or leave
floating.
By connecting the watchdog output (WDO) and MR, a
watchdog timeout forces a RESET to be generated.
Watchdog Timer
A watchdog timer available on the ASM706P/R/S/T/J
monitors
µP/µC activity. An output line on the processor is
used to toggle the WDI line. If the line is not toggled within 1.6
seconds on the Watchdog Input (WDI), the internal timer puts
the Watchdog Output (WDO) into a LOW state. WDO will
remain LOW until a toggle is detected at WDI.
The watchdog function is disabled, meaning it is cleared and
not counting, if WDI is floated or connected to a three-stated
circuit. The watchdog timer is also disabled if RESET is
asserted. When RESET becomes inactive and the WDI input
sees a high or low transition as short as 100ns (VCC = 2.7V)/
Alliance
Part #
RESET
Polarity
Threshold
Watchdog
Timer
ASM706P
HIGH
2.63V
YES
ASM706R
LOW
2.63V
YES
ASM706S
LOW
2.93V
YES
ASM706T
LOW
3.08V
YES
ASM706J
LOW
4.00V
YES
ASM708R
HIGH & LOW
2.63V
NO
ASM708S
HIGH & LOW
2.93V
NO
ASM708T
HIGH & LOW
3.08V
NO
ASM708J
HIGH & LOW
4.00V
NO
Figure 1: WDI Three-state operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com