Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2811AF-08SR Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P2811AF-08SR
Description  Low-Power EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2811AF-08SR Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P2811AF-08SR Datasheet HTML 1Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 2Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 3Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 4Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 5Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 6Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 7Page - Alliance Semiconductor Corporation P2811AF-08SR Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
October 2003
P2811/12/14
rev
Low Power EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
3.3 V, 25° C
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency P2811/12/14
10
–
40
MHz
fOUT
Output frequency P2811
10
–
40
MHz
Output frequency P2812
20
–
80
MHz
Output frequency P2814
40
–
160
MHz
tLH 1
Output rise time (measured at
0.8V to 2.0V)
0.69
ns
tHL 1
Output fall time (measured at
2.0V to 0.8V)
0.66
ns
tJC
Jitter (cycle to cycle)
-200
–
200
ps
tD
Output duty cycle
45
50
55
%
1. tLH and tHL are measured into a capacitive load of 15 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com