Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V76UT-ELTY Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6V76UT-ELTY
Description  170 關A, 2 MHz Zero-Drift Op Amps
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V76UT-ELTY Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6V76UT-ELTY Datasheet HTML 21Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 22Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 23Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 24Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 25Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 26Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 27Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 28Page - Microchip Technology MCP6V76UT-ELTY Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
 2020 Microchip Technology Inc.
DS20006323B-page 25
MCP6V76/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SC70 (MCP6V76U)
Example
:
Device
Code
MCP6V76UT-E/LTY
FVNN
5-Lead SOT-23 (MCP6V76, MCP6V76U)
Example
:
Device
Code
MCP6V76T-E/OT
REBHY
MCP6V76UT-E/OT
REBJY
FV56
XXXXY
WWNNN
REBH
0
03256
8-Lead MSOP (3x3 mm) (MCP6V77)
Example
6V77
003256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com