Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47CMB11 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP47CMB11
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB11 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP47CMB11 Datasheet HTML 69Page - Microchip Technology MCP47CMB11 Datasheet HTML 70Page - Microchip Technology MCP47CMB11 Datasheet HTML 71Page - Microchip Technology MCP47CMB11 Datasheet HTML 72Page - Microchip Technology MCP47CMB11 Datasheet HTML 73Page - Microchip Technology MCP47CMB11 Datasheet HTML 74Page - Microchip Technology MCP47CMB11 Datasheet HTML 75Page - Microchip Technology MCP47CMB11 Datasheet HTML 76Page - Microchip Technology MCP47CMB11 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 73
MCP47CXBXX
7.0
DEVICE COMMANDS
The I2C protocol does not specify how commands are
formatted, so this section specifies the MCP47CXBXX
device’s I2C command formats and operation.
The commands can be grouped into the following
categories:
• Write Commands (C1:C0 = 00)
• Read Commands (C1:C0 = 11)
• General Call Commands
The supported commands are shown in Table 7-1.
These commands allow both single data or continuous
data operation. Continuous data operation means that
the I2C Master does not generate a Stop bit but repeats
the required data/clocks. This allows faster updates
since the overhead of the I2C control byte is removed.
Table 7-1 also shows the required number of bit clocks
for each command’s different mode of operation.
7.1
Write Commands
Write commands are used to transfer data to the
desired memory location (from the Host controller). The
modes are Single or Continuous. The Continuous
mode format allows the fastest data update rate for the
device’s memory locations.
See Section 7.5 “Write Command” for a full description
of the write commands.
7.2
Read Commands
Read commands are used to transfer data from the
desired memory location to the Host controller. The
read command format writes two bytes (Control byte
(R/W bit) = 0) and the read command byte (desired
memory address and the read command). Then, a
Restart condition is followed by a second control byte,
but this control byte indicates an I2C read operation
(R/W bit = 1). The Master will then supply 16 clocks so
the specified address data are transfered. See
Section 7.6 “Read Command” for full a description of
the read commands.
Note:
The 8-bit data devices use the same
format as 10-bit and 12-bit devices. This
allows code migration compatibility at the
cost of nine extra clock cycles per data
byte transferred.
TABLE 7-1:
DEVICE COMMANDS – NUMBER OF CLOCKS
Command
# of Bit
Clocks(1)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
Mode
C1 C0
100 kHz
400 kHz
3.4 MHz (3)
Write Command(4)
00
Single
38
2,632
10,526
89,474
00
Continuous
27n + 11
3,559
14,235
120,996
For ten data words
Read Command
11
Random
48
2,083
8,333
70,833
11
Continuous
18n + 11
4,762
19,048
161,905
For ten data words
11
Last Address
29
3,448
13,793
117,241
General Call Reset
Command
—
— Single
20
5,000
20,000
170,000
Note 2
General Call Wake-up
Command
—
— Single
20
5,000
20,000
170,000
Note 2
Note 1:
“n” indicates the number of times the command operation is to be repeated.
2:
Determined by general call command byte after the I2C general call address.
3:
There is a minimal overhead to enter into 3.4 MHz mode.
4:
This command can be at either normal or high voltage. A high-voltage command requires the HVC pin to be at
VIHH, for the entire command, until the completion of the MTP cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com