Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47CMB12 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP47CMB12
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB12 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP47CMB12 Datasheet HTML 15Page - Microchip Technology MCP47CMB12 Datasheet HTML 16Page - Microchip Technology MCP47CMB12 Datasheet HTML 17Page - Microchip Technology MCP47CMB12 Datasheet HTML 18Page - Microchip Technology MCP47CMB12 Datasheet HTML 19Page - Microchip Technology MCP47CMB12 Datasheet HTML 20Page - Microchip Technology MCP47CMB12 Datasheet HTML 21Page - Microchip Technology MCP47CMB12 Datasheet HTML 22Page - Microchip Technology MCP47CMB12 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 19
MCP47CXBXX
TABLE 1-4:
I2C BUS START/STOP BITS AND LAT REQUIREMENTS
I2C AC Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40
C  TA  +125C (Extended).
The operating voltage range is described in DC Characteristics.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
—FSCL
SCL Pin Frequency
Standard mode
0
100
kHz
Cb = 400 pF, 1.8V-5.5V(1)
Fast mode
0
400
kHz
Cb = 400 pF, 2.7V-5.5V
High Speed 1.7
0
1.7
MHz Cb = 400 pF, 4.5V-5.5V(1)
High Speed 3.4
0
3.4
MHz Cb = 100 pF, 4.5V-5.5V(1)
90
TSU:STA Start Condition
Setup Time
(only relevant for
Repeated Start condition)
100 kHz mode
4700
—
ns
Note 1
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
Note 1
3.4 MHz mode
160
—
ns
91
THD:STA Start Condition
Hold Time
(after this period, the first
clock pulse is generated)
100 kHz mode
4000
—
ns
Note 1
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
Note 1
3.4 MHz mode
160
—
ns
92
TSU:STO Stop Condition
Setup Time
100 kHz mode
4000
—
ns
Note 1
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
Note 1
3.4 MHz mode
160
—
ns
93
THD:STO Stop Condition
Hold Time
100 kHz mode
4000
—
ns
Note 1
400 kHz mode
600
—
ns
1.7 MHz mode
160
—
ns
Note 1
3.4 MHz mode
160
—
ns
94
THVCSU HVC High to Start Condition
(setup time)
0
—
µs
Not tested, specification
ensured by Master
Note 1
Not tested. This parameter is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com