Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H992 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # H992
Description  4mm Base Lampholders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

H992 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  H992 Datasheet HTML 1Page - Gilway Technical Lamp H992 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
H971-M3
Lamp Base
G-4, GU4
GZ4 (MR-11)
Holder
Ceramic
Maximum
Ratings
250 Volts
6 Amps
230°C
Wire
18 AWG Stranded
Teflon Insulation
140mm Wire Length
H973
Lamp Base
G-4
Holder
Ceramic
Maximum
Ratings
24 Volts
4 Amps
180°C
Wire
18 AWG Stranded
Silicone Insulation
140mm Wire Length
H997
Lamp Base
G-4
Holder
Ceramic
Maximum
Ratings
24 Volts
4 Amps
180°C
Wire
18 AWG Stranded
Silicone Insulation
145mm Wire Length
H977-395A
Lamp Base
G4, GZ4, GU4
Holder
Ceramic
Maximum
Ratings
50 Volts
10 Amps
180°C
Wire
18 AWG Stranded
Silicone Insulation
395mm Wire Length with
round clip terminations
4mm Base Lampholders
29



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com