Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST-90-W65S-R11-N3 Datasheet(PDF) 7 Page - Luminus, Inc

Part # SST-90-W65S-R11-N3
Description  Extremely high optical output White LED: up to 4,000lm at 18A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-90-W65S-R11-N3 Datasheet(HTML) 7 Page - Luminus, Inc

Back Button SST-90-W65S-R11-N3 Datasheet HTML 3Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 4Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 5Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 6Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 7Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 8Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 9Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 10Page - Luminus, Inc SST-90-W65S-R11-N3 Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Optical and Electrical Characteristics (T
J = 25 ºC)
Drive Condition2
3.15 A
9.0 A
Parameter
Symbol
Values at Test Currents
Typical Values at
Indicated Current3
Unit
Current Density
j
0.35
1.0
A/mm2
Forward Voltage
V
F, min
2.5
V
V
F, typ
3.25
3.87
V
V
F, max
3.9
V
Note 1: SST-90-W devices can be driven at currents ranging from <1A to 18A and at duty cycles ranging from <1% to 100%. Drive current and duty
cycle should be adjusted as necessary to maintain the junction temperature desired to meet application lifetime requirements.
Note 2: Unless otherwise noted, values listed are typical.
Note 3:
Sustained operation at absolute maximum currents will result in a reduction of device lifetime. In pulsed operation, rise time from 10-90% of
forward current should be larger than 0.5 microseconds. Lifetime dependent on LED junction temperature . Thermal calculations based on
input power and thermal management system should be performed to ensure T
j is maintained below Tjmax rating or life will be reduced. Refer
to APN-001522 for further information.
Note 4: Special design considerations must be observed for operation under 1A. Please contact Luminus for further information.
Note 5: Caution must be taken not to stare at the light emitted from these LEDs. Under special circumstances, the high intensity could damage the
eye.
Note 6: Sustained operation at Absolute Maximum Operating Junction Temperature (Tjmax) will result in significantly reduced device life time. Please
refer to AN1522 for more information
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Minimum Drive Current4
0.2
A
Maximum Current3 (CW)
18
A
Absolute Maximum Surge Current
25 ms, D ≤ 0.1, T
c ≤ 40 C
27
A
Maximum Reverse Current
Not Designed for Reverse Operation
Maximum Junction Temperature6
Tj-max
150
ºC
Storage Temperature Range
-40/+100
ºC
Common Characteristics
Parameter
Symbol
Values
Unit
Viewing Angle (Typical)
2 θ
1/2
110
°C
Emitting Area
9.0
mm2
Emitting Area Dimensions
3 x 3
mm×mm
Forward Voltage Temperature Coefficient
-2.45
mV/ºC
Electrical Characteristics1
7
PDS-001342 Rev 15 © 2015 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 978.528.8000 • www.luminus.com
175 New Boston Street • Woburn, MA 01801
SST-90-W Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com