Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EG06 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EG06
Description  IoT/M2M-optimized LTE-A Cat 6 LGA Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EG06 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EG06 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EG06 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat 6
EG06-E
EG06-A
EG06-AUTL
Region/Operator
EMEA/APAC
/Brazil
North America/Mexico
Australia
Dimensions (mm)
37.0 × 39.5 × 2.8
37.0 × 39.5 × 2.8
37.0 × 39.5 × 2.8
Temperature Range
Operation Temperature
-35°C ~ +75°C
-35°C ~ +75°C
-35°C ~ +75°C
Extended Temperature
-40°C ~ +85°C
-40°C ~ +85°C
-40°C ~ +85°C
Frequency Bands
LTE-FDD
B1/B3/B5/B7/B8/B20/B28/B32
B2/B4/B5/B7/B12/B13/B25/B26/B29
/B30/B66
B3/B7/B28
LTE-TDD
B38/B40/B41
\
\
2xCA
B1+B1/B5/B8/B20/B28;
B3+B3/B5/B7/B8/B20/B28;
B7+B5/B7/B8/B20/B28;
B20+B32
; B38+B38; B40+B40; B41+B41
B2+B2/B5/B12/B13/B29
;
B4+B4/B5/B12/B13/B29
;
B7+B5/B7/B12/B26;
B25+B5/B12/B25/B26;
B30+B5/B12/B29
;
B66+B5/B12/B13/B29
/B66
B3+B3/B7/B28; B7+B7/B28
WCDMA
B1/B3/B5/B8
B2/B4/B5
\
GNSS
GPS/GLONASS/BeiDou (Compass)/Galileo/QZSS
(Optional)
GPS/LONASS/BeiDou (Compass)/Galileo/QZSS
(Optional)
GPS/GLONASS/BeiDou (Compass)/Galileo/QZSS
(Optional)
Certifications
Carrier
Europe: Deutsche Telekom/British Telecom
Australia: Telstra
North America: Verizon/AT&T/U.S. Cellular
Australia: Telstra
Regulatory
Global: GCF
Europe: CE
South Korea: KC
Australia & New Zealand: RCM
Global: GCF
North America: FCC/PTCRB
Canada: IC
Global: GCF
Australia & New Zealand: RCM
Others
RoHS/WHQL
RoHS/WHQL
RoHS/WHQL
Data Transmission
LTE-FDD Data Rate (Mbps)
300 (DL)
/50 (UL)
300 (DL)
/50 (UL)
300 (DL)
/50 (UL)
LTE-TDD Data Rate (Mbps)
226 (DL)/28 (UL)
226 (DL)/28 (UL)
226 (DL)/28 (UL)
DC-HSPA+ Data Rate (Mbps)
42 (DL)/5.76 (UL)
42 (DL)/5.76 (UL)
42 (DL)/5.76 (UL)
WCDMA Data Rate (Kbps)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
384 (DL)/384 (UL)
Interfaces
USB 2.0/3.0
x1 (Support Master* and Slave Modes)
x1 (Support Master* and Slave Modes)
x1 (Support Master* and Slave Modes)
PCM (Digital Audio)
x1
x1
x1
(U)SIM
x1, 1.8V/3.0V
x1, 1.8V/3.0V
x1, 1.8V/3.0V
GPIOs
x2
x2
x2
UART
x3
x3
x3
PCle (RC)* (PCIe Gen 2, for Wi-Fi, Ethernet
Functions)
x1
x1
x1
SD Card*
x1
x1
x1
ADC
x2
x2
x2
I2C
x1
x1
x1
RESET_N
x1
x1
x1
Antennas
x3 (Main, Diversity and GNSS Antennas)
x3 (Main, Diversity and GNSS Antennas)
x3 (Main, Diversity and GNSS Antennas)
Voice
Speech Codec Modes
AMR/AMR-WB
AMR/AMR-WB
AMR/AMR-WB
Echo Arithmetic
Echo Cancellation/Noise Suppression
Echo Cancellation/Noise Suppression
Echo Cancellation/Noise Suppression
VoLTE
CSFB and VoLTE (Voice over LTE) (Optional)
CSFB and VoLTE (Voice over LTE) (Optional)
CSFB and VoLTE (Voice over LTE) (Optional)
Enhanced Features
MIMO (2x2, 4x2, DL)
DFOTA
DTMF
Digital Audio and VoLTE (Voice over LTE)
Optional
Optional
Optional
Ethernet*/Wi-Fi* Function through PCIe
Interface
GNSS
(U)SIM Card Detection
Drivers
USB Driver
Windows 7/8/8.1/10, Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10, Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
Windows 7/8/8.1/10, Linux 2.6~5.4,
Android 4.x/5.x/6.x/7.x/9.x
GNSS Driver
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
RIL Driver
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
Android 4.x/5.x/6.x/7.x/8.x/9.x
NDIS Driver
Windows 7/8/8.1/10
Windows 7/8/8.1/10
Windows 7/8/8.1/10
MBIM Driver
Windows 8/8.1/10, Linux 3.18~5.4
Windows 8/8.1/10, Linux 3.18~5.4
Windows 8/8.1/10, Linux 3.18~5.4
GobiNet Driver
Linux 2.6~5.4
Linux 2.6~5.4
Linux 2.6~5.4
QMI_WWAN Driver
Linux 3.4~5.4
Linux 3.4~5.4
Linux 3.4~5.4
Electrical Features
Supply Voltage Range
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
3.3V~4.3V, 3.8V Typ.
Power Consumption
10μA @Power off
1.5mA @Sleep (PF=128)
1.5mA @Sleep (PF=64)
18mA @Idle
8μA @Power off
1.7mA @Sleep (PF=128)
2.1mA @Sleep (PF=64)
20mA @Idle
10μA @Power off
1.5mA @Sleep (PF=128)
1.5mA @Sleep (PF=64)
18mA @Idle
Quectel EG06 Series
Notes:
1. * means Under Development.
2. ● means supported.
Excluding Japan and CMCC.
LTE-FDD B29 and B32 support receiving only, and are only for secondary component carrier in 2×CA.
EG06-AUTL supports 400Mbps DL peak data rates with 256-QAM modulation.
Copyright © 2019 Quectel Wireless Solutions Co., Ltd. All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com