Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMITX-BE-G-RX225FB Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # AMITX-BE-G-RX225FB
Description  Mini-ITX Embedded Board with AMD Embedded R-Series APU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

AMITX-BE-G-RX225FB Datasheet(HTML) 1 Page - Adlink Technology Inc.

  AMITX-BE-G-RX225FB Datasheet HTML 1Page - Adlink Technology Inc. AMITX-BE-G-RX225FB Datasheet HTML 2Page - Adlink Technology Inc. AMITX-BE-G-RX225FB Datasheet HTML 3Page - Adlink Technology Inc. AMITX-BE-G-RX225FB Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AmITX-BE-G
Mini-ITX Embedded Board with AMD® Embedded R-Series APU
Features
●
AMD® Embedded R-Series APU with A77E Fusion Controller Hub
●
Up to 16GB dual SODIMM socket DDR3L at 1600 MHz
●
2x PCIe slot in parallel
●
PCIe x16, PCIe x1 and Mini PCIe expansion
●
4 DisplayPort
Note: “Build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that part numbers for SKUs with “build options” will need to be created and may cause production lead times.
Specifications
● Processor & System
CPU
AMD Embedded R-Series APU (code name: Bald Eagle)
RX-427BB 2.7GHz (3.6GHz boost), 35W (4C/8CU)
RX-425BB 2.5GHz (3.4GHz boost), 35W (4C/6CU)
RX-225FB 2.2GHz (3.0GHz boost), 17W (2C/3CU)
Memory
Dual channel non-ECC 1600/1333 MHz DDR3L memory up to 16 GB in dual
vertical SODIMM sockets
BIOS
AMI EFI in 8MB SPI BIOS
Optional socket SPI BIOS socket onboard and SPI header for external BIOS,
dual BIOS support
TPM module soldered onboard, dual BIOS support (build option)
SEMA Support
Supports: voltage/current monitoring, power sequence debug support, AT/
ATX mode control, logistics and forensic information, flat panel control,
general purpose I2C, failsafe BIOS (dual BIOS ), watchdog timer, triple smart
fan control
Debug Header
40-pin multipurpose flat cable connector. Use in combination with DB-40
debug module providing BIOS POST code LEDs, BMC access, SPI BIOS
flashing, power testpoints, debug LEDs
● I/O Interfaces
Expansion Slots
1 PCIe x16 Gen3 slot (PCIe 3.0)
1 PCIe x1 Gen2 slot (PCIe 2.0)
1 full-size Mini PCIe slot supporting PCIe+USB or mSATA by jumper setting
(on the bottom side)
1 half-size Mini PCIe slot supporting PCIe and USB (on the top side)
1 SPI header for external BIOS
Serial ATA
3x SATA 6 Gbps ports
Ports 0 and 1 provide clearance for SATADOMs
USB
4x USB 3.0 and 4x USB 2.0 on rear I/O
2x USB 2.0 on front panel header
2x USB 2.0 on standard header
1x USB 2.0 on vertical connector with keep out area for dongle
1x USB 2.0 on Mini-PCIe (top) and 1x USB 2.0 on mSATA / Mini PCIe (bottom)
KB/MS
1x PS/2 internal header
Serial Ports
1x RS-232/422/485 on internal header
3x RS-232 on internal headers
Digital IO
10 GPIO on internal feature connector
● Audio
Audio Codec
Realtek® ALC886
Interfaces
7.1 channel audio via 5 jacks and S/PDIF output on rear I/O
7.1 channel audio signals and S/PDIF output on internal header


Similar Part No. - AMITX-BE-G-RX225FB

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
AMITX-BT-I ADLINK-AMITX-BT-I Datasheet
301Kb / 4P
Mini-ITX Industrial Motherboard
AMITX-BT-I-E3815 ADLINK-AMITX-BT-I-E3815 Datasheet
301Kb / 4P
Mini-ITX Industrial Motherboard
AMITX-BT-I-E3825 ADLINK-AMITX-BT-I-E3825 Datasheet
301Kb / 4P
Mini-ITX Industrial Motherboard
AMITX-BT-I-E3826 ADLINK-AMITX-BT-I-E3826 Datasheet
301Kb / 4P
Mini-ITX Industrial Motherboard
AMITX-BT-I-E3827 ADLINK-AMITX-BT-I-E3827 Datasheet
301Kb / 4P
Mini-ITX Industrial Motherboard
More results

Similar Description - AMITX-BE-G-RX225FB

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-A50M AAEON-EMB-A50M Datasheet
354Kb / 2P
Embedded Motherboard with Onboard AMD Fusion APU Processor
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893 Datasheet
864Kb / 2P
Second generation AMD embedded R-Series APU COM Express짰 Basic Module
logo
List of Unclassifed Man...
IMB-A160 ETC2-IMB-A160 Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
IMB-A160-H ETC2-IMB-A160-H Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
logo
Axiomtek Co., Ltd.
MANO111 AXIOMTEK-MANO111_17 Datasheet
310Kb / 1P
Mini-ITX SBC with AMD Embedded R-Series APU AMD A75 DDR3 USB 3.0
logo
Adlink Technology Inc.
AMITX-AL-I ADLINK-AMITX-AL-I Datasheet
298Kb / 4P
Thin Mini-ITX Embedded board
AMITX-HL-G ADLINK-AMITX-HL-G Datasheet
386Kb / 4P
Mini-ITX Embedded Board with Desktop Processor
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
Mini-ITX Embedded Board
AMITX-SL-G ADLINK-AMITX-SL-G Datasheet
294Kb / 4P
Mini-ITX Embedded Board with Desktop Processor
EXPRESS-BE ADLINK-EXPRESS-BE Datasheet
261Kb / 4P
COM Express Basic Size Type 6 Module with AMD Embedded R-Series APU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com